Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP064V1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LP064V1
Description  LP064V1 LIQUID CRYSTAL DISPLAY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP064V1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LP064V1 Datasheet HTML 3Page - NXP Semiconductors LP064V1 Datasheet HTML 4Page - NXP Semiconductors LP064V1 Datasheet HTML 5Page - NXP Semiconductors LP064V1 Datasheet HTML 6Page - NXP Semiconductors LP064V1 Datasheet HTML 7Page - NXP Semiconductors LP064V1 Datasheet HTML 8Page - NXP Semiconductors LP064V1 Datasheet HTML 9Page - NXP Semiconductors LP064V1 Datasheet HTML 10Page - NXP Semiconductors LP064V1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LP064V1 LIQUID CRYSTAL DISPLAY
SPECIFICATIONS
TITLE: LP064V1 REV. 1 PAGE 7 OF 7
DATA DISPLAY AG
Industriestrasse 1
D-82110 Germering
MAY 2001
http://www.datadisplay.de
Tel.: +49-89-894450-0
Fax: +49-89-894450-90
5.
INTERFACE CONNECTIONS
This LCD employs two interface connections, a 31 pin connector is used for the
module and a three pin connector is used for the integral backlight system. The
electric interface connector is model DF9B-31P-1V, manufactured by Hirose. The
mating connector part number is DF9-31S-1V or equivalent. The pin configuration
for the connector is shown in the table below.
Table 3: MODULE CONNECTOR PIN CONFIGURATION
Pin
Symbol
Description
Notes
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Vss
CLK
Hsync
Vsync
Vss
R0
R1
R2
R3
R4
R5
Vss
G0
G1
G2
G3
G4
G5
Vss
B0
B1
B2
B3
B4
B5
Vss
DTMG
Vdd
Vdd
OAS
NC
Ground
Main clock
Horizontal sync.
Vertical sync.
Ground
Red data
Red data
Red data
Red data
Red data
Red data
Ground
Green data
Green data
Green data
Green data
Green data
Green data
Ground
Blue data
Blue data
Blue data
Blue data
Blue data
Blue data
Ground
Data Timing Signal
Power(+5V)
Power(+5V)
O/A, A/V Selection
No Connection
Connect to Vss, see Note 1
Connect to Vss, see Note 1
Red data least significant bit(LSB)
Red data most significant bit(MSB)
Connect to Vss, see Note 1
Green data least significant bit(LSB)
Green data most significant bit(MSB)
Connect to Vss, see Note 1
Blue data least significant bit(LSB)
Blue data most significant bit(MSB)
Connect to Vdd, see Note 2
Connect to Vdd, see Note 2
see Note3
Note 1:
All GND (ground) pins should be connected together and to Vss which
should also be connected to the LCD’s metal frame.
Note 2:
All VDD (power input) pins should be connected together.
Note 3:
This pin is Logic input pin and is connected VDD (power input) with surge
protection circuit.
Note 4:
DTMG, HSYNC and VSYNC shall be supplied simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com