Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP064V1 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LP064V1
Description  LP064V1 LIQUID CRYSTAL DISPLAY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP064V1 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LP064V1 Datasheet HTML 12Page - NXP Semiconductors LP064V1 Datasheet HTML 13Page - NXP Semiconductors LP064V1 Datasheet HTML 14Page - NXP Semiconductors LP064V1 Datasheet HTML 15Page - NXP Semiconductors LP064V1 Datasheet HTML 16Page - NXP Semiconductors LP064V1 Datasheet HTML 17Page - NXP Semiconductors LP064V1 Datasheet HTML 18Page - NXP Semiconductors LP064V1 Datasheet HTML 19Page - NXP Semiconductors LP064V1 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LP064V1 LIQUID CRYSTAL DISPLAY
SPECIFICATIONS
TITLE: LP064V1 REV. 1 PAGE 16 OF 16
DATA DISPLAY AG
Industriestrasse 1
D-82110 Germering
DEZ 1999
http://www.datadisplay.de
Tel.: +49-89-894450-0
Fax: +49-89-894450-90
Note 2: MONTH
MONTH Jan Feb. Mar. Apr.
May Jun. Jun. Aug. Sep. Oct. Nov. Dec.
Mark
1
2
3
4
5
6
7
8
9
0
N
D
12.4 Location of Lot Mark
Serial NO. is printed on the label. The label is attached to the backside of the
backlight unit. This is subjected to change without prior notice.
12.5 Packing Form
Package quantity in the box: 10
Box size: 370 mm x 260 mm x 400 mm
13.
HANDLING PRECAUTIONS
Please pay attention to the followings when you use this TFT/LCD module with
Back-light unit.
13.1 MOUNTING PRECAUTIONS
• You must mount Module using mounting holes arranged in 4 corners.
• Be sure to turn off the power when connecting or disconnecting the circuit.
• Note that the polarizers are easily damaged. Pay attention not to scratch or press
this surface with any hard object.
• When the LCD surface becomes dirty, please wipe it off with a soft material.
(ie.cottonball). Protect the module from the ESD as it may damage the electronic
circuit (C-MOS). Make certain that treatment person’s body are grounded through
wrist bend.
• Protect the module from the ESD as it may damage the electric circuit (C_MOS).
Make certain that treatment person’s body are grounded through wrist bend.
• Do not disassemble the module and be careful not to incur a mechanical shock
that might occur during installation. It may cause permanent damage.
• Do not leave the module in high temperatures, particularly in areas of high
humidity for a long time.
• The module not be expose to the direct sunlight.
• Avoid contact with water as it may a short circuit within the module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com