Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP064V1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LP064V1
Description  LP064V1 LIQUID CRYSTAL DISPLAY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP064V1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LP064V1 Datasheet HTML 2Page - NXP Semiconductors LP064V1 Datasheet HTML 3Page - NXP Semiconductors LP064V1 Datasheet HTML 4Page - NXP Semiconductors LP064V1 Datasheet HTML 5Page - NXP Semiconductors LP064V1 Datasheet HTML 6Page - NXP Semiconductors LP064V1 Datasheet HTML 7Page - NXP Semiconductors LP064V1 Datasheet HTML 8Page - NXP Semiconductors LP064V1 Datasheet HTML 9Page - NXP Semiconductors LP064V1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LP064V1 LIQUID CRYSTAL DISPLAY
SPECIFICATIONS
TITLE: LP064V1 REV. 1 PAGE 6 OF 6
DATA DISPLAY AG
Industriestrasse 1
D-82110 Germering
MAY 2001
http://www.datadisplay.de
Tel.: +49-89-894450-0
Fax: +49-89-894450-90
Note 3:
The Variation in surface brightness, SBV is determined by measuring BON
at each test position 1 through 5, and then dividing the maximum BON by
the minimum BON.
Maximum (BON1, BON2, ....BON5) / Minimum (BON1, BON2, ....BON5)
Note 4:
Response time is the time required for the display to transition from white
to black(Rise Time, TrR) and from black to white (Delay Time, TrD). For
additional information see Appendix A.
Note 5:
Color Coordinates is unfixed
Note 6:
Viewing angle is the angle at which the contrast ratio is greater than 10.
The angles are etermined for the horizontal or x axis and the vertical or y
axis with respect to the z axis which is normal to the LCD surface. For
more information see Appendix A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com