Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP064V1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LP064V1
Description  LP064V1 LIQUID CRYSTAL DISPLAY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP064V1 Datasheet(HTML) 3 Page - NXP Semiconductors

  LP064V1 Datasheet HTML 1Page - NXP Semiconductors LP064V1 Datasheet HTML 2Page - NXP Semiconductors LP064V1 Datasheet HTML 3Page - NXP Semiconductors LP064V1 Datasheet HTML 4Page - NXP Semiconductors LP064V1 Datasheet HTML 5Page - NXP Semiconductors LP064V1 Datasheet HTML 6Page - NXP Semiconductors LP064V1 Datasheet HTML 7Page - NXP Semiconductors LP064V1 Datasheet HTML 8Page - NXP Semiconductors LP064V1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LP064V1 LIQUID CRYSTAL DISPLAY
SPECIFICATIONS
TITLE: LP064V1 REV. 1 PAGE 3 OF 3
DATA DISPLAY AG
Industriestrasse 1
D-82110 Germering
MAY 2001
http://www.datadisplay.de
Tel.: +49-89-894450-0
Fax: +49-89-894450-90
2.
MAXIMUM RATINGS
The following are maximum values which, if exceeded, may cause faulty operation
or damage to the unit.
Table 1: ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Values
Units
Notes
Min.
Max.
Power Input Voltage
Logic Input Voltage
Operating Temperature
Storage Temperature
VDD
VL/H
TOP
TST
-0.5
0
0
-20
+5.5
VDD+0.5
+50
+60
Vdc
Vdc
°C
°C
at 25°
at 25°
1
1
Note 1:
The Relative Humidity must not exceed 80% non-condensing at
temperatures of 50° or less. At temperatures greater than 40°, the wet
bulb temperature must not exceed 49°. At low temperature the brightness
of CCFT drop and the life time of CCFT become to be short.
Note 2:
Under no condition should the unit be exposed to corrosive chemicals.
3.
ELECTRICAL SPECIFICATIONS
The LP064V1 requires two power inputs. One is employed to power the LCD
electronics and to derive the voltages to drive the TFT array and liquid crystal. The
second input which powers the backlight CCFT, is typically generated by an inverter.
The inverter is an external unit to the LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com