Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP064V1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LP064V1
Description  LP064V1 LIQUID CRYSTAL DISPLAY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP064V1 Datasheet(HTML) 4 Page - NXP Semiconductors

  LP064V1 Datasheet HTML 1Page - NXP Semiconductors LP064V1 Datasheet HTML 2Page - NXP Semiconductors LP064V1 Datasheet HTML 3Page - NXP Semiconductors LP064V1 Datasheet HTML 4Page - NXP Semiconductors LP064V1 Datasheet HTML 5Page - NXP Semiconductors LP064V1 Datasheet HTML 6Page - NXP Semiconductors LP064V1 Datasheet HTML 7Page - NXP Semiconductors LP064V1 Datasheet HTML 8Page - NXP Semiconductors LP064V1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LP064V1 LIQUID CRYSTAL DISPLAY
SPECIFICATIONS
TITLE: LP064V1 REV. 1 PAGE 4 OF 4
DATA DISPLAY AG
Industriestrasse 1
D-82110 Germering
MAY 2001
http://www.datadisplay.de
Tel.: +49-89-894450-0
Fax: +49-89-894450-90
Table 2: ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Values
Units
Notes
Min.
Typ.
Max.
MODULE:
Power Supply Input Voltage
Power Supply Input Current
Ripple/Noise
Logic Input Level, High
Logic Input Level, Low
Power Consumption
BACKLIGHT
Backlight Input voltage
Backlight Current
Lamp Kick-Off Voltage
Operating Frequency
Life (half brightness time)
VDD
IDD
-
VIH
VIL
P
VBL
IBL
FBL
4.5
-
-
0.7VDD
Vss
-
-
3.0
-
-
35
20.000
5.0
180
-
-
-
0.9
355
5.0
-
-
55
25.000
5.5
280
60
VDD
0.3VDD
1.54
385
9.0
680
860
80
Vdc
mA
mV
Vdc
Vdc
W
VRMS
mA
VRMS
KHz
h
1
2
2
1
3
25 ± 2°
0°
Note 1:
The current draw and power consumption specified is for 5.0Vdc at 25°
and 25MHz(DCLK). Typical power consumption check pattern is 8 gray
scale bar.
Note 2:
Logic levels are specified for VDD of 5.0 Vdc at 25°. The values specified
apply to all Logic inputs; Hsync, Vsync, clock, data signals, etc.
Note 3:
The backlight power consumption shown above does not include loss of
external inverter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com