Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP064V1 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LP064V1
Description  LP064V1 LIQUID CRYSTAL DISPLAY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LP064V1 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LP064V1 Datasheet HTML 10Page - NXP Semiconductors LP064V1 Datasheet HTML 11Page - NXP Semiconductors LP064V1 Datasheet HTML 12Page - NXP Semiconductors LP064V1 Datasheet HTML 13Page - NXP Semiconductors LP064V1 Datasheet HTML 14Page - NXP Semiconductors LP064V1 Datasheet HTML 15Page - NXP Semiconductors LP064V1 Datasheet HTML 16Page - NXP Semiconductors LP064V1 Datasheet HTML 17Page - NXP Semiconductors LP064V1 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LP064V1 LIQUID CRYSTAL DISPLAY
SPECIFICATIONS
TITLE: LP064V1 REV. 1 PAGE 14 OF 14
DATA DISPLAY AG
Industriestrasse 1
D-82110 Germering
DEZ 1999
http://www.datadisplay.de
Tel.: +49-89-894450-0
Fax: +49-89-894450-90
11.
RELIABILITY
No.
Test ITEM
Conditions
1
High temperature storage test
Ta = 60° 240 h
2
Low temperature storage test
Ta = -20° 240 h
3
High temperature
& high humidity operation test
Ta = 40° 95% 240 h
(no condensation)
4
High temperature operation test
Ta = 50° 240 h
5
Low temperature operation test
Ta = 0° 240 h
6
Vibration test
(non-operating)
Frequency: 10~57Hz / Vibration Width (one side):
0.075mm
58 ~ 500Hz / Gravity: 9.8m/s
2
Sweep time: 11 minutes
Test period: 3 hours
(1 hour for each direction of X,Y,Z)
7
Shock test
(non-operating)
Max. Gravity: 490 m/s
Pulse width: 11 ms, half sine wave
Direction: ±X,±Y,±Z
one for each direction
Result Evaluation Criteria
There should be no change which might affect the practical display function when
the display quality test is conducted under normal operating condition.
In High temperature and low temperature operation test, lamp current should be
5 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com