Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 121 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 117Page - STMicroelectronics STLUX385ATR Datasheet HTML 118Page - STMicroelectronics STLUX385ATR Datasheet HTML 119Page - STMicroelectronics STLUX385ATR Datasheet HTML 120Page - STMicroelectronics STLUX385ATR Datasheet HTML 121Page - STMicroelectronics STLUX385ATR Datasheet HTML 122Page - STMicroelectronics STLUX385ATR Datasheet HTML 123Page - STMicroelectronics STLUX385ATR Datasheet HTML 124Page - STMicroelectronics STLUX385ATR Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 126 page
background image
DocID027870 Rev 1
121/126
STLUX
Package information
126
Table 97. VFQFPN32 package mechanical data(1)
1. VFQFPN stands for “Thermally Enhanced Very thin Fine pitch Quad Flat Package No lead”.
Very thin profile: 0.80
 A  1.00 mm.
Details of the terminal 1 are optional but must be located on the top surface of the package by using either
a mold or marked features.
Package outline exclusive of any mold flash dimensions and metal burrs.
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0
0.02
0.05
A3
0.20
b
0.18
0.25
0.30
D
4.85
5.00
5.15
D2
3.40
3.45
3.50
E
4.85
5.00
5.15
E2
3.40
3.45
3.50
e
0.50
0.55
L
0.30
0.40
0.50
ddd
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com