Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLUX385ATR Datasheet(PDF) 124 Page - STMicroelectronics

Part # STLUX385ATR
Description  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX385ATR Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STLUX385ATR Datasheet HTML 118Page - STMicroelectronics STLUX385ATR Datasheet HTML 119Page - STMicroelectronics STLUX385ATR Datasheet HTML 120Page - STMicroelectronics STLUX385ATR Datasheet HTML 121Page - STMicroelectronics STLUX385ATR Datasheet HTML 122Page - STMicroelectronics STLUX385ATR Datasheet HTML 123Page - STMicroelectronics STLUX385ATR Datasheet HTML 124Page - STMicroelectronics STLUX385ATR Datasheet HTML 125Page - STMicroelectronics STLUX385ATR Datasheet HTML 126Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 124 / 126 page
background image
STLUX development environment
STLUX
124/126
DocID027870 Rev 1
15
STLUX development environment
The STLUX385A development environment is a suite of tools that helps developing
applications guiding the user through the whole prototyping process, from the initial idea to
the on-board proof of concept. It also helps beginners facing to the STLUX385A technology
to get familiar with it and start developing applications as soon as possible. Analogue and
system engineers can easily model the application and state machines (SMED) behavior
bypassing the need to generate software code.
The development environment is composed of the following tools:
Peripheral libraries: open source drivers necessary to drive each hardware block.
Examples software: set of software and hardware examples showing how to exploit the
SMEDs functionality.
Development board: board featuring STLUX and exposing all pins for external easy
access. Order code: STEVAL-ILL068V1.
SMED configurator: powerful graphical tool which enables the user to interact directly
with the SMED without any software.
Compiler: STLUX supports 2 compilers: IAR Embedded Workbench® and Raisonance
Ride7.
IAR Embedded Workbench. The IAR Embedded Workbench IAR-EWSTM8 is
a software development tool with highly optimizing the C and C++ compiler for the
STM8 CPU device. The workbench supports the ST-LINK and STice debug
probes using the SWIM interface (USB/SWIM).
Raisonance with the C compiler and the integrated development environment
(Ride7), which provides start-to-finish control of application development including
the code editing, compilation, optimization and debugging.
The Ride7 supports the RLink in-circuit debugger/programmer using the SWIM
interface (USB/SWIM).
Figure 39. STLUX development tools workflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com