Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 28 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 28 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 24Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 25Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 26Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 27Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 28Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 29Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 30Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 31Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 28
 2013-2015 Microchip Technology Inc.
3.6.1
PRIMARY INTERRUPT SYSTEM
The Primary interrupt system is the default interrupt mode (ALTINT bit of the Mode Control/Status Register is “0”). The
Primary interrupt system is always selected after power-up or hard reset. In this mode, to set an interrupt, set the cor-
responding mask bit in the Interrupt Mask Register (see Table 3-2). Then when the event to assert nINT is true, the nINT
output will be asserted. When the corresponding event to deassert nINT is true, then the nINT will be de-asserted.
Note 1: If the mask bit is enabled and nINT has been de-asserted while ENERGYON is still high, nINT will assert
for 256 ms, approximately one second after ENERGYON goes low when the Cable is unplugged. To prevent
an unexpected assertion of nINT, the ENERGYON interrupt mask should always be cleared as part of the
ENERGYON interrupt service routine.
TABLE 3-2:
INTERRUPT MANAGEMENT TABLE
Mask
Interrupt Source Flag
Interrupt Source
Event to Assert
nINT
Event to
De-Assert nINT
30.8
29.8
WoL
3.32784.7:4
nPME
Rising
3.32784.7:4
or’ed together
3.32784.7:4 or’ed together
low or reading register 29
30.7
29.7
ENERGYON
17.1
ENERGYON
Rising 17.1 (see
Note 1)
Falling 17.1 or
Reading register 29
30.6
29.6
Auto-Negotiation
Complete
1.5
Auto-Negotiate
Complete
Rising 1.5
Falling 1.5 or
Reading register 29
30.5
29.5
Remote Fault
Detected
1.4
Remote Fault
Rising 1.4
Falling 1.4, or
Reading register 1 or
Reading register 29
30.4
29.4
Link Down
1.2
Link Status
Falling 1.2
Reading register 1 or
Reading register 29
30.3
29.3
Auto-Negotiation
LP Acknowledge
5.14
Acknowledge
Rising 5.14
Falling 5.14 or
Reading register 29
30.2
29.2
Parallel Detection
Fault
6.4
Parallel Detec-
tion Fault
Rising 6.4
Falling 6.4 or
Reading register 6, or
Reading register 29, or
Re-Auto Negotiate or
Link down
30.1
29.1
Auto-Negotiation
Page Received
6.1
Page Received
Rising 6.1
Falling 6.1 or
Reading register 6, or
Reading register 29, or
Re-Auto Negotiate, or
Link down.
Note:
The ENERGYON bit in the Mode Control/Status Register is defaulted to a ‘1’ at the start of the signal acqui-
sition process, therefore the INT7 bit in the Interrupt Mask Register will also read as a ‘1’ at power-up. If no
signal is present, then both ENERGYON and INT7 will clear within a few milliseconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com