Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 69 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 69 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 65Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 66Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 67Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 68Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 69Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 70Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 71Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 72Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 124 page
background image
2013-2015 Microchip Technology Inc.
DS00001989A-page 69
LAN8742A/LAN8742Ai
4.2.11
MMD ACCESS ADDRESS/DATA REGISTER
This register in conjunction with the MMD Access Control Register provides indirect access to the MDIO Manageable
Device (MMD) registers. Refer to Section 4.3, "MDIO Manageable Device (MMD) Registers" for additional details.
Index (In Decimal):
14
Size:
16 bits
Bits
Description
Type
Default
15:0
MMD Register Address/Data
If the MMD Function field of the MMD Access Control Register is “00”, this
field is used to indicate the MMD register address to read/write of the device
specified in the MMD Device Address (DEVAD) field. Otherwise, this register
is used to read/write data from/to the previously specified MMD address.
R/W
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com