Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 81 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 81 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 77Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 78Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 79Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 80Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 81Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 82Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 83Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 84Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 124 page
background image
2013-2015 Microchip Technology Inc.
DS00001989A-page 81
LAN8742A/LAN8742Ai
4.3
MDIO Manageable Device (MMD) Registers
The device MMD registers adhere to the IEEE 802.3-2008 45.2 MDIO Interface Registers specification. The MMD reg-
isters are not memory mapped. These registers are accessed indirectly via the MMD Access Control Register and MMD
Access Address/Data Register. The supported MMD device addresses are 3 (PCS) and 30 (Vendor Specific). Table 4-
3, "MMD Registers" details the supported registers within each MMD device.
To read or write an MMD register, the following procedure must be observed:
1.
Write the MMD Access Control Register with 00b (address) for the MMD Function field and the desired MMD
device (3 for PCS) for the MMD Device Address (DEVAD) field.
2.
Write the MMD Access Address/Data Register with the 16-bit address of the desired MMD register to read/write
within the previously selected MMD device (PCS or Auto-Negotiation).
3.
Write the MMD Access Control Register with 01b (data) for the MMD Function field and choose the previously
selected MMD device (3 for PCS) for the MMD Device Address (DEVAD) field.
4.
If reading, read the MMD Access Address/Data Register, which contains the selected MMD register contents. If
writing, write the MMD Access Address/Data Register with the register contents intended for the previously
selected MMD register.
TABLE 4-3:
MMD REGISTERS
MMD Device
Address
(In Decimal)
Index
(In Decimal)
Register Name
3
(PCS)
5
PCS MMD Devices Present 1 Register
6
PCS MMD Devices Present 2 Register
32784
Wakeup Control and Status Register (WUCSR)
32785
Wakeup Filter Configuration Register A (WUF_CFGA)
32786
Wakeup Filter Configuration Register B (WUF_CFGB)
32801
Wakeup Filter Byte Mask Registers (WUF_MASK)
32802
32803
32804
32805
32806
32807
32808
32865
MAC Receive Address A Register (RX_ADDRA)
32866
MAC Receive Address B Register (RX_ADDRB)
32867
MAC Receive Address C Register (RX_ADDRC)
32868
Miscellaneous Configuration Register (MCFGR)
30
(Vendor Specific)
2
Vendor Specific MMD 1 Device ID 1 Register
3
Vendor Specific MMD 1 Device ID 2 Register
5
Vendor Specific 1 MMD Devices Present 1 Register
6
Vendor Specific 1 MMD Devices Present 2 Register
8
Vendor Specific MMD 1 Status Register
11
TDR Match Threshold Register
12
TDR Short/Open Threshold Register
14
Vendor Specific MMD 1 package ID 1 Register
15
Vendor Specific MMD 1 package ID 2 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com