Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 31 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 31 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 27Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 28Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 29Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 30Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 31Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 32Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 33Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 34Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 124 page
background image
 2013-2015 Microchip Technology Inc.
DS00001989A-page 31
LAN8742A/LAN8742Ai
The MODE[2:0] hardware configuration pins are multiplexed with other signals as shown in Table 3-5.
3.7.3
REGOFF: INTERNAL +1.2 V REGULATOR CONFIGURATION
The incorporation of flexPWR technology provides the ability to disable the internal +1.2 V regulator. When the regulator
is disabled, an external +1.2 V must be supplied to the VDDCR pin. Disabling the internal +1.2 V regulator makes it
possible to reduce total system power, since an external switching regulator with greater efficiency (versus the internal
linear regulator) can be used to provide +1.2 V to the transceiver circuitry.
3.7.3.1
Disabling the Internal +1.2 V Regulator
To disable the +1.2 V internal regulator, a pull-up strapping resistor should be connected from the REGOFF configura-
tion strap to VDD2A. At power-on, after both VDDIO and VDD2A are within specification, the transceiver will sample
REGOFF to determine whether the internal regulator should turn on. If the pin is sampled at a voltage greater than VIH,
then the internal regulator is disabled and the system must supply +1.2 V to the VDDCR pin. The VDDIO voltage must
be at least 80% of the operating voltage level (1.44 V when operating at 1.8 V, 2.0 V when operating at 2.5 V, 2.64 V
when operating at 3.3 V) before voltage is applied to VDDCR. As described in Section 3.7.3.2, when REGOFF is left
floating or connected to VSS, the internal regulator is enabled and the system is not required to supply +1.2 V to the
VDDCR pin.
3.7.3.2
Enabling the Internal +1.2 V Regulator
The +1.2 V for VDDCR is supplied by the on-chip regulator unless the transceiver is configured for the regulator off mode
using the REGOFF configuration strap as described in Section 3.7.3.1. By default, the internal +1.2 V regulator is
enabled when REGOFF is floating (due to the internal pull-down resistor). During power-on, if REGOFF is sampled
below VIL, then the internal +1.2 V regulator will turn on and operate with power from the VDD2A pin.
110
Power-Down mode. In this mode the transceiver will
wake-up in Power-Down mode. The transceiver can-
not be used when the MODE[2:0] bits are set to this
mode. To exit this mode, the MODE bits in Register
18.7:5 (see Section 4.2.14, "Special Modes Register")
must be configured to some other value and a soft
reset must be issued.
N/A
N/A
111
All capable. Auto-negotiation enabled.
X10X
1111
TABLE 3-5:
PIN NAMES FOR MODE BITS
MODE Bit
Pin Name
MODE[0]
RXD0/MODE0
MODE[1]
RXD1/MODE1
MODE[2]
CRS_DV/MODE2
Note:
Because the REGOFF configuration strap shares functionality with the LED1 pin, proper consideration
must also be given to the LED polarity. Refer to Section 3.8.1, "LEDs" for additional information on the rela-
tion between REGOFF and the LED1 polarity.
TABLE 3-4:
MODE[2:0] BUS (CONTINUED)
MODE[2:0]
Mode Definitions
Default Register Bit Values
Register 0
Register 4
[13,12,10,8]
[8,7,6,5]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com