Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 20 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 20 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 16Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 17Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 18Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 19Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 20Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 21Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 22Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 23Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 20
 2013-2015 Microchip Technology Inc.
3.1.2.7
Receive Data Valid Signal
The Receive Data Valid signal (RXDV) indicates that recovered and decoded nibbles are being presented on the
RXD[1:0] outputs synchronous to RXCLK. RXDV becomes active after the /J/K/ delimiter has been recognized and RXD
is aligned to nibble boundaries. It remains active until either the /T/R/ delimiter is recognized or link test indicates failure
or SIGDET becomes false.
RXDV is asserted when the first nibble of translated /J/K/ is ready for transfer over the Media Independent Interface (MII
mode).
3.1.2.8
Receiver Errors
During a frame, unexpected code-groups are considered receive errors. Expected code groups are the DATA set (0
through F), and the /T/R/ (ESD) symbol pair. When a receive error occurs, the RXER signal is asserted and arbitrary
data is driven onto the RXD[1:0] lines. Should an error be detected during the time that the /J/K/ delimiter is being
decoded (bad SSD error), RXER is asserted true and the value ‘1110’ is driven onto the RXD[1:0] lines. Note that the
Valid Data signal is not yet asserted when the bad SSD error occurs.
3.1.2.9
100M Receive Data Across the RMII Interface
The 2-bit data nibbles are sent to the RMII block. These data nibbles are clocked to the controller at a rate of 50 MHz.
The controller samples the data on the rising edge of XTAL1/CLKIN (REF_CLK).
3.1.3
10BASE-T TRANSMIT
Data to be transmitted comes from the MAC layer controller. The 10BASE-T transmitter receives 4-bit nibbles from the
MII at a rate of 2.5 MHz and converts them to a 10 Mbps serial data stream. The data stream is then Manchester-
encoded and sent to the analog transmitter, which drives a signal onto the twisted pair via the external magnetics.
The 10M transmitter uses the following blocks:
• MII (digital)
• TX 10M (digital)
• 10M Transmitter (analog)
• 10M PLL (analog)
3.1.3.1
10M Transmit Data Across the MII/RMII Interface
The MAC controller drives the transmit data onto the TXD bus. TXD[1:0] shall transition synchronously with respect to
REF_CLK. When TXEN is asserted, TXD[1:0] are accepted for transmission by the device. TXD[1:0] shall be “00” to
indicate idle when TXEN is deasserted. Values of TXD[1:0] other than “00” when TXEN is deasserted are reserved for
out-of-band signaling (to be defined). Values other than “00” on TXD[1:0] while TXEN is deasserted shall be ignored by
the device.TXD[1:0] shall provide valid data for each REF_CLK period while TXEN is asserted.
In order to comply with legacy 10BASE-T MAC/Controllers, in half-duplex mode the transceiver loops back the trans-
mitted data, on the receive path. This does not confuse the MAC/Controller since the COL signal is not asserted during
this time. The transceiver also supports the SQE (Heartbeat) signal.
FIGURE 3-3:
RELATIONSHIP BETWEEN RECEIVED DATA AND SPECIFIC MII SIGNALS
5D
5
data data data data
RXD
RX_DV
RX_CLK
5D
5
data data data data
CLEAR-TEXT
5
JK
5
55
TR
Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com