Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 37 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 37 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 33Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 34Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 35Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 36Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 37Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 38Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 39Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 40Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 124 page
background image
 2013-2015 Microchip Technology Inc.
DS00001989A-page 37
LAN8742A/LAN8742Ai
3.8.1.2
LED1/nINT/nPME Usage with Internal Regulator Enabled (REGOFF Low)
When the LED1/nINT/nPME/REGOFF pin is low during reset, the internal regulator is enabled. After the deassertion of
reset, this pin will first function as LED1 (Link Activity). Upon configuration, it can function as nINT or nPME. Figure 3-
11 illustrates the steps required to program the LED1 pin as nINT or nPME with the internal regulator enabled.
In this configuration, it is recommended not to connect an LED to this pin. Because this pin is active high, the LED will
be lit while waiting for a WoL event.
3.8.1.3
LED2/nINT/nPME Usage with nINTSEL Enabled
When the LED2/nINT/nPME/nINTSEL pin is high during reset, the nINT/REFCLKO pin is configured to function as nINT.
After the deassertion of reset, this pin will first function as LED2 (Link Speed). Upon configuration, it can function as
nPME. It is also possible to configure LED2 as nINT although this would duplicate the function of the nINT/REFCLKO
pin. Figure 3-12 illustrates the steps required to program the LED2 pin as nINT or nPME with nINTSEL enabled.
In this configuration, it is possible for an LED be connected to this pin while it functions as nINT or nPME during a WoL
state. Since the polarity to light the LED is active low, the Link Speed LED will not be lit while waiting for a WoL event.
To provide further flexibility, LED2 can be reconfigured as Link Activity by writing 11b to the LED2 Function Select field
of the Wakeup Control and Status Register (WUCSR). This allows LED2 to function as Link Activity when LED1 cannot
be configured as Link Activity. Link Speed can be easily implemented on the microcontroller using GPIO.
Note:
Refer to Section 3.7.3, "REGOFF: Internal +1.2 V Regulator Configuration" for additional information on
the REGOFF configuration strap.
FIGURE 3-11:
LED1/nINT/nPME/REGOFF WITH INTERNAL REGULATOR ENABLED
Note:
Refer to Section 3.7.4, "nINTSEL: nINT/REFCLKO Configuration" for additional information on the nINT-
SEL configuration strap.
FIGURE 3-12:
LED2/nINT/nPME WITH nINTSEL ENABLED
nRST
LED1/nINT/
WUCSR[14:13]
Link Activity
nINT/nPME
00b
01b/10b
nPME/REGOFF
nRST
LED2/nINT/
WUCSR[12:11]
Link Speed/
nINT/nPME
00b/11b
01b/10b
00b/11b
Link Speed/
Link Activity
00b
Link Activity
nPME/nINTSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com