Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 9 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 9 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 5Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 6Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 7Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 8Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 9Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 10Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 11Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 12Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 124 page
background image
 2013-2015 Microchip Technology Inc.
DS00001989A-page 9
LAN8742A/LAN8742Ai
TABLE 2-2:
LED PINS
Num Pins
Name
Symbol
Buffer Type
Description
1
LED 1
LED1
O12
This pin can be used to indicate link activity, link
speed, nINT, or nPME as configured via the LED1
Function Select field of the Wakeup Control and
Status Register (WUCSR).
Note:
Refer to Section 3.8.1, "LEDs" and Sec-
tion 3.8.4, "Wake on LAN (WoL)" for
additional LED information.
Interrupt Out-
put
nINT
O12
Active low interrupt output.
Note:
By default, the nINT signal is output on
the nINT/REFCLKO pin. The nINT sig-
nal can be optionally configured to out-
put on the LED1 or LED2 pins. Refer to
Section 3.6, "Interrupt Management" for
additional details on device interrupts.
Power Man-
agement Event
Output
nPME
O12
Active low Power Management Event (PME) out-
put.
Note:
The nPME signal can be optionally con-
figured to output on the LED1 or LED2
pins. Refer to Section 3.8.4, "Wake on
LAN (WoL)" for additional nPME and
WoL information.
Regulator Off
Configuration
Strap
REGOFF
IS
(PD)
This configuration strap is used to disable the inter-
nal 1.2 V regulator. When the regulator is disabled,
external 1.2 V must be supplied to VDDCR.
• When REGOFF is pulled high to VDD2A with
an external resistor, the internal regulator is
disabled.
• When REGOFF is floating or pulled low, the
internal regulator is enabled (default).
See Note 1 for more information on configuration
straps.
Note:
Refer to Section 3.7.3, "REGOFF: Inter-
nal +1.2 V Regulator Configuration" for
additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com