Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 42 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 42 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 38Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 39Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 40Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 41Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 42Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 43Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 44Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 45Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 42
 2013-2015 Microchip Technology Inc.
3.8.4.3
Magic Packet Detection
When enabled, the Magic Packet detection mode allows the triggering of the nINT or nPME pin when a Magic Packet
frame is received. A Magic Packet is a frame addressed to the device - either a unicast to the programmed address, or
a broadcast - which contains the pattern 48’h FF_FF_FF_FF_FF_FF after the destination and source address field, fol-
lowed by 16 repetitions of the desired MAC address (loaded into the MAC Receive Address A Register (RX_ADDRA),
MAC Receive Address B Register (RX_ADDRB), and MAC Receive Address C Register (RX_ADDRC)) without any
breaks or interruptions. In case of a break in the 16 address repetitions, the logic scans for the 48’h
FF_FF_FF_FF_FF_FF pattern again in the incoming frame. The 16 repetitions may be anywhere in the frame but must
be preceded by the synchronization stream. The frame must also pass the FCS check and packet length checking.
As an example, if the desired address is 00h 11h 22h 33h 44h 55h, then the logic scans for the following data sequence
in an Ethernet frame:
Destination Address Source Address ……………FF FF FF FF FF FF
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
…FCS
As an example, the Host system must perform the following steps to enable the device to assert nINT on detection of a
Magic Packet WoL event:
1.
Set the desired MAC address to cause the wake event in the MAC Receive Address A Register (RX_ADDRA),
MAC Receive Address B Register (RX_ADDRB), and MAC Receive Address C Register (RX_ADDRC).
2.
Set the Magic Packet Enable (MPEN) bit of the Wakeup Control and Status Register (WUCSR) to enable Magic
Packet detection.
3.
Set bit 8 (WoL event indicator) in the Interrupt Mask Register to enable WoL events to trigger assertion of the
nINT interrupt pin.
When a match is triggered, the nINT interrupt pin will be asserted, bit 8 of the Interrupt Source Flag Register will be set,
and the Magic Packet Received (MPR) bit of the Wakeup Control and Status Register (WUCSR) will be set.
3.8.4.4
Wakeup Frame Detection
When enabled, the Wakeup Frame detection mode allows the triggering of the nINT or nPME pin when a pre-pro-
grammed Wakeup Frame is received. Wakeup Frame detection provides a way for system designers to detect a cus-
tomized pattern within a packet via a programmable wake-up frame filter. The filter has a 128-bit byte mask that indicates
which bytes of the frame should be compared by the detection logic. A CRC-16 is calculated over these bytes. The result
is then compared with the filter’s respective CRC-16 to determine if a match exists. When a wake-up pattern is received,
the Remote Wakeup Frame Received (WUFR) bit of the Wakeup Control and Status Register (WUCSR) is set.
If enabled, the filter can also include a comparison between the frame’s destination address and the address specified
in the MAC Receive Address A Register (RX_ADDRA), MAC Receive Address B Register (RX_ADDRB), and MAC
Receive Address C Register (RX_ADDRC). The specified address can be a unicast or a multicast. If address matching
is enabled, only the programmed unicast or multicast address will be considered a match. Non-specific multicast
addresses and the broadcast address can be separately enabled. The address matching results are logically OR’d (i.e.,
specific address match result OR any multicast result OR broadcast result).
Whether or not the filter is enabled and whether the destination address is checked is determined by configuring the
Wakeup Filter Configuration Register A (WUF_CFGA). Before enabling the filter, the application program must provide
the detection logic with the sample frame and corresponding byte mask. This information is provided by writing the
Wakeup Filter Configuration Register A (WUF_CFGA), Wakeup Filter Configuration Register B (WUF_CFGB), and
Wakeup Filter Byte Mask Registers (WUF_MASK). The starting offset within the frame and the expected CRC-16 for
the filter is determined by the Filter Pattern Offset and Filter CRC-16 fields, respectively.
If remote wakeup mode is enabled, the remote wakeup function checks each frame against the filter and recognizes the
frame as a remote wakeup frame if it passes the filter’s address filtering and CRC value match.
Note:
Alternatively, the LED1/nINT/nPME or LED2/nINT/nPME pin can be used to indicate a WoL event. Refer
to Section 3.8.4, "Wake on LAN (WoL)" for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com