Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 86 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 86 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 82Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 83Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 84Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 85Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 86Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 87Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 88Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 89Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 86
2013-2015 Microchip Technology Inc.
4.3.4
WAKEUP FILTER CONFIGURATION REGISTER A (WUF_CFGA)
Index (In Decimal):
3.32785
Size:
16 bits
Bits
Description
Type
Default
15
Filter Enable
0 = Filter disabled
1 = Filter enabled
R/W/
NASR
0b
14
Filter Triggered
0 = Filter not triggered
1 = Filter triggered
R/WC/
NASR
0b
13:11
RESERVED
RO
-
10
Address Match Enable
When set, the destination address must match the programmed address.
When cleared, any unicast packet is accepted. Refer to Section 3.8.4.4,
"Wakeup Frame Detection" for additional information.
R/W/
NASR
0b
9
Filter Any Multicast Enable
When set, any multicast packet other than a broadcast will cause an address
match. Refer to Section 3.8.4.4, "Wakeup Frame Detection" for additional
information.
Note:
This bit has priority over bit 10 of this register.
R/W/
NASR
0b
8
Filter Broadcast Enable
When set, any broadcast frame will cause an address match. Refer to Section
3.8.4.4, "Wakeup Frame Detection" for additional information.
Note:
This bit has priority over bit 10 of this register.
R/W/
NASR
0b
7:0
Filter Pattern Offset
Specifies the offset of the first byte in the frame on which CRC checking
begins for Wakeup Frame recognition. Offset 0 is the first byte of the incoming
frame’s destination address.
R/W/
NASR
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com