Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 72 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 72 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 68Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 69Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 70Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 71Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 72Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 73Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 74Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 75Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 72
2013-2015 Microchip Technology Inc.
4.2.14
SPECIAL MODES REGISTER
Note 1: The default value of this field is determined by the MODE[2:0] configuration straps. Refer to Section 3.7.2,
"MODE[2:0]: Mode Configuration" for additional information.
2: The default value of this field is determined by the PHYAD[0] configuration strap. Refer to Section 3.7.1,
"PHYAD[0]: PHY Address Configuration" for additional information.
Index (In Decimal):
18
Size:
16 bits
Bits
Description
Type
Default
15:8
RESERVED
RO
-
7:5
MODE
Transceiver mode of operation. Refer to Section 3.7.2, "MODE[2:0]: Mode
Configuration" for additional details.
R/W
NASR
(see Note 1)
4:0
PHYAD
PHY Address. The PHY Address is used for the SMI address and for initializa-
tion of the Cipher (Scrambler) key. Refer to Section 3.7.1, "PHYAD[0]: PHY
Address Configuration" for additional details.
R/W
NASR
(see Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com