Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 16 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 16 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 12Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 13Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 14Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 15Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 16Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 17Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 18Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 19Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 124 page
background image
LAN8742A/LAN8742Ai
DS00001989A-page 16
 2013-2015 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
This chapter provides functional descriptions of the various device features. These features have been categorized into
the following sections:
• Transceiver
• Auto-Negotiation
• HP Auto-MDIX Support
• MAC Interface
• Serial Management Interface (SMI)
• Interrupt Management
• Configuration Straps
• Miscellaneous Functions
• Application Diagrams
3.1
Transceiver
3.1.1
100BASE-TX TRANSMIT
The 100BASE-TX transmit data path is shown in Figure 3-1. Each major block is explained in the following subsections.
3.1.1.1
100BASE-TX Transmit Data Across the RMII Interface
The MAC controller drives the transmit data onto the TXD bus and asserts TXEN to indicate valid data. The data is
latched by the transceiver’s RMII block on the rising edge of REF_CLK. The data is in the form of 2-bit wide 50 MHz data.
3.1.1.2
4B/5B Encoding
The transmit data passes from the RMII block to the 4B/5B encoder. This block encodes the data from 4-bit nibbles to
5-bit symbols (known as “code-groups”) according to Table 3-1. Each 4-bit data-nibble is mapped to 16 of the 32 pos-
sible code-groups. The remaining 16 code-groups are either used for control information or are not valid.
The first 16 code-groups are referred to by the hexadecimal values of their corresponding data nibbles, 0 through F. The
remaining code-groups are given letter designations with slashes on either side. For example, an IDLE code-group is
/I/, a transmit error code-group is /H/, etc.
FIGURE 3-1:
100BASE-TX TRANSMIT DATA PATH
MAC
Tx
Driver
MLT-3
Converter
NRZI
Converter
4B/5B
Encoder
CAT-5
RJ45
25 MHz by
5 bits
NRZI
MLT-3
MLT-3
MLT-3
Scrambler
and PISO
RMII
25 MHz
by 4 bits
Ext Ref_CLK
PLL
RMII 50 MHz by 2 bits
MLT-3
Magnetics
125 Mbps Serial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com