Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8742Ai-CZ Datasheet(PDF) 49 Page - Microchip Technology

Part # LAN8742Ai-CZ
Description  Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8742Ai-CZ Datasheet(HTML) 49 Page - Microchip Technology

Back Button LAN8742Ai-CZ Datasheet HTML 45Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 46Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 47Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 48Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 49Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 50Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 51Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 52Page - Microchip Technology LAN8742Ai-CZ Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 124 page
background image
 2013-2015 Microchip Technology Inc.
DS00001989A-page 49
LAN8742A/LAN8742Ai
3.8.9.2
Matched Cable Diagnostics
Matched cable diagnostics enable cable length estimation on 100 Mbps-linked cables of up to 120 meters. If there is an
active 100 Mb link, the approximate distance to the link partner can be estimated using the Cable Length Register. If
the cable is properly terminated, but there is no active 100 Mb link (the link partner is disabled, nonfunctional, the link is
at 10 Mb, etc.), the cable length cannot be estimated and the Cable Length Register should be ignored. The estimated
distance to the link partner can be determined via the Cable Length (CBLN) lookup table provided in Table 3-11. The
typical cable length measurement margin of error for a matched cable case is +/- 20 m. The matched cable length mar-
gin of error is consistent for all cable types from 0 to 120 m.
TABLE 3-11:
MATCH CASE ESTIMATED CABLE LENGTH (CBLN) LOOKUP TABLE
CBLN Field Value
Estimated Cable Length
0 - 3
0
46
517
627
738
849
959
10
70
11
81
12
91
13
102
14
113
15
123
Note:
For a properly terminated cable (Match case), there is no reflected signal. In this case, the TDR Channel
Length field is invalid and should be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com