Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8290ACPZ-R71 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8290ACPZ-R71
Description  G = 50, CMOS Sensor Amplifier with Current Excitation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8290ACPZ-R71 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8290ACPZ-R71 Datasheet HTML 3Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 4Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 5Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 6Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 7Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 8Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 9Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 10Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AD8290
Rev. B | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC
RSET
GND
NC
NC
NC = NO CONNECT
VCC
ENBL
VOUT
12
11
10
1
3
4
9
2
AD8290
TOP
VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
Tie to Ground1 or Pin 16.
2
VCC
Positive Power Supply Voltage.
3
ENBL
Logic 1 enables the part, and Logic 0 disables the part.
4
VOUT
Open End of Internal 10 kΩ Resistor. Tie one end of external antialiasing filter capacitor (6.8 nF) to this pin, and tie
the other end to ground.1
5
CF2
Tie one end of the CFILTER (68 nF) that is in parallel with the internal gain resistor to this pin.
6
CF1
Tie the other end of the CFILTER (68 nF) that is in parallel with the internal gain resistor to this pin.
7
NC
Tie to Ground.1
8
NC
Tie to Ground.1
9
NC
Tie to Ground.1
10
GND
Ground1 or Negative Power Supply Voltage.
11
RSET
Tie one end of Resistor RSET to this pin to set the excitation current and tie the other end of Resistor RSET to Pin 10.
12
NC
Tie to Ground.1
13
IOUT
Excitation Current Output. Tie one end of CBRIDGE (0.1 μF) to this pin and tie the other end of CBRIDGE to ground.1
14
VINN
Negative Input Terminal.
15
VINP
Positive Input Terminal.
16
NC
Tie to Ground1 or Pin 1.
17/Pad
NC
Pad should be floating and not tied to any potential.
1 During dual-supply operation, ground becomes the negative power supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com