Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8290ACPZ-R71 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8290ACPZ-R71
Description  G = 50, CMOS Sensor Amplifier with Current Excitation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8290ACPZ-R71 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8290ACPZ-R71 Datasheet HTML 9Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 10Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 11Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 12Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 13Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 14Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 15Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 16Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AD8290
Rev. B | Page 12 of 20
280
285
290
295
300
305
310
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
PIN VOLTAGE (V)
2.6V SUPPLY
3.6V SUPPLY
5.0V SUPPLY
Figure 33. Low Excitation Current vs. Excitation Current Pin Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1.26
1.27
1.28
1.29
1.30
1.31
1.32
PIN VOLTAGE (V)
2.6V SUPPLY
3.6V SUPPLY
5.0V SUPPLY
Figure 34. High Excitation Current vs. Excitation Current Pin Voltage
TEMPERATURE (°C)
0.895
0.896
0.897
0.898
0.899
0.900
0.901
0.902
0.903
0.904
0.905
–45 –35 –25 –15 –5
5
15 25 35 45 55 65 75 85 95
2.6V SUPPLY
3.6V SUPPLY
5.0V SUPPLY
Figure 35. Output Offset Voltage vs. Temperature
TEMPERATURE (°C)
49.5
49.6
49.7
49.8
49.9
50.0
–55 –45 –35 –25 –15 –5
5
15 25 35 45 55 65 75 85 95
3.6V SUPPLY
5V SUPPLY
2.6V SUPPLY
Figure 36. Gain vs. Temperature
TEMPERATURE (°C)
0.295
0.296
0.297
0.298
0.299
0.300
0.301
0.302
0.303
0.304
0.305
–45 –35 –25 –15 –5
5
15 25 35 45 55 65 75 85 95
3.6V SUPPLY
5.0V SUPPLY 2.6V SUPPLY
Figure 37. Excitation Current vs. Temperature, RSET = 3 kΩ
TEMPERATURE (°C)
–45 –35 –25 –15 –5
5
15 25 35 45 55 65 75 85 95
1.285
1.290
1.295
1.300
1.305
1.310
1.315
3.6V SUPPLY
5.0V SUPPLY
2.6V SUPPLY
Figure 38. Excitation Current vs. Temperature, RSET = 692 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com