Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8290ACPZ-R71 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8290ACPZ-R71
Description  G = 50, CMOS Sensor Amplifier with Current Excitation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8290ACPZ-R71 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8290ACPZ-R71 Datasheet HTML 12Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 13Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 14Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 15Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 16Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 17Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 18Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 19Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AD8290
Rev. B | Page 15 of 20
CURRENT SOURCE
The AD8290 generates an excitation current that is
programmable with an external resistor, RSET, as shown in
Figure 44. A1 and M1 are configured to produce 0.9 V across
RSET, which is based on an internal 0.9 V reference and creates a
current equal to 0.9 V/RSET internal to the AD8290. This current
is passed to a precision current mirror and a replica of the current
is sourced from the IOUT pin. This current can be used for the
excitation of a sensor bridge. CBRIDGE is used to filter noise from
the current excitation circuit.
M1
IOUT
VREF = 0.9V
PRECISION CURRENT
MIRROR
CBRIDGE
SENSOR
BRIDGE
RSET
RSET
GND
A1
Figure 44. Current Excitation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com