Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8290ACPZ-R71 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8290ACPZ-R71
Description  G = 50, CMOS Sensor Amplifier with Current Excitation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8290ACPZ-R71 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8290ACPZ-R71 Datasheet HTML 4Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 5Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 6Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 7Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 8Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 9Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 10Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 11Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AD8290
Rev. B | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT VOLTAGE (mV)
0
5
10
15
20
25
30
35
892
894
896
898
900
902
904
906
908
Figure 3. Output Offset Voltage at 2.6 V Supply
OUTPUT VOLTAGE (mV)
0
5
10
15
20
25
30
35
892
894
896
898
900
902
904
906
908
Figure 4. Output Offset Voltage at 3.6 V Supply
OUTPUT VOLTAGE (mV)
0
5
10
15
20
25
30
35
892
894
896
898
900
902
904
906
908
Figure 5. Output Offset Voltage at 5.0 V Supply
EXCITATION CURRENT (mA)
0
5
10
15
20
25
0.2988
0.2991
0.2994
0.2997
0.3000
0.3003
0.3006
0.3009
0.3012
Figure 6. Excitation Output Current for 3 kΩ RSET at 2.6 V Supply
EXCITATION CURRENT (mA)
0
5
10
15
20
25
0.2988
0.2991
0.2994
0.2997
0.3000
0.3003
0.3006
0.3009
0.3012
Figure 7. Excitation Output Current for 3 kΩ RSET at 3.6 V Supply
EXCITATION CURRENT (mA)
0
5
10
15
20
25
0.2988
0.2991
0.2994
0.2997
0.3000
0.3003
0.3006
0.3009
0.3012
Figure 8. Excitation Output Current for 3 kΩ RSET at 5.0 V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com