Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8290ACPZ-R71 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8290ACPZ-R71
Description  G = 50, CMOS Sensor Amplifier with Current Excitation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8290ACPZ-R71 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8290ACPZ-R71 Datasheet HTML 5Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 6Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 7Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 8Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 9Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 10Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 11Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 12Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AD8290
Rev. B | Page 8 of 20
1.296 1.297 1.298 1.299 1.300 1.301 1.302 1.303 1.304 1.305
EXCITATION CURRENT (mA)
0
5
10
15
20
25
Figure 9. Output Excitation Current for 692 Ω RSET at 2.6 V Supply
1.296 1.297 1.298 1.299 1.300 1.301 1.302 1.303 1.304 1.305
EXCITATION CURRENT (mA)
0
5
10
15
20
25
Figure 10. Output Excitation Current for 692 Ω RSET at 3.6 V Supply
25
1.296 1.297 1.298 1.299 1.300 1.301 1.302 1.303 1.304 1.305
EXCITATION CURRENT (mA)
0
5
10
15
20
Figure 11. Output Excitation Current for 692 Ω RSET at 5.0 V Supply
–0.60 –0.56 –0.52 –0.48 –0.44 –0.40 –0.36 –0.32 –0.28
25
GAIN ERROR (%)
0
5
10
15
20
Figure 12. Percent Gain Error at 2.6 V Supply
–0.60 –0.56 –0.52 –0.48 –0.44 –0.40 –0.36 –0.32 –0.28
25
GAIN ERROR (%)
0
5
10
15
20
Figure 13. Percent Gain Error at 3.6 V Supply
–0.60 –0.56 –0.52 –0.48 –0.44 –0.40 –0.36 –0.32 –0.28
25
GAIN ERROR (%)
0
5
10
15
20
Figure 14. Percent Gain Error at 5.0 V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com