Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8290ACPZ-R71 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8290ACPZ-R71
Description  G = 50, CMOS Sensor Amplifier with Current Excitation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8290ACPZ-R71 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8290ACPZ-R71 Datasheet HTML 6Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 7Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 8Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 9Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 10Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 11Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 12Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 13Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD8290
Rev. B | Page 9 of 20
0
5
10
15
20
25
30
35
40
NONLINEARITY (%)
0.0030
0.0035
0.0040
0.0045
0.0050
0.0055
0.0060
0.0065
0.0070
Figure 15. Percent Nonlinearity at 2.6 V Supply
5
10
15
20
25
30
NONLINEARITY (%)
0.0030
0.0035
0.0040
0.0045
0.0050
0.0055
0.0060
0.0065
0.0070
0
35
Figure 16. Percent Nonlinearity at 3.6 V Supply
0
5
10
15
20
25
30
35
40
45
0.0030
0.0045
0.0060
0.0075
0.0090
0.0105
0.0120
0.0135
0.0150
NONLINEARITY (%)
Figure 17. Percent Nonlinearity at 5.0 V Supply
DRIFT (µV/°C)
0
10
20
30
40
50
–35
–15
5
2545
6585
105
125
Figure 18. Output Offset Voltage Drift from −40°C to +85°C at 2.6 V Supply
DRIFT (µV/°C)
0
10
20
30
40
50
–35
–15
5
2545
6585
105
125
Figure 19. Output Offset Voltage Drift from −40°C to +85°C at 3.6 V Supply
DRIFT (µV/°C)
0
10
20
30
40
50
–35
–15
5
2545
6585
105
125
Figure 20. Output Offset Voltage Drift from −40°C to +85°C at 5.0 V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com