Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8290ACPZ-R71 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8290ACPZ-R71
Description  G = 50, CMOS Sensor Amplifier with Current Excitation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8290ACPZ-R71 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8290ACPZ-R71 Datasheet HTML 10Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 11Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 12Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 13Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 14Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 15Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 16Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 17Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AD8290
Rev. B | Page 13 of 20
FREQUENCY (Hz)
0.01
0.1
1
10
100
1000
1
10
100
1000
TEMPERATURE (°C)
–45 –35 –25 –15 –5
5
15 25 35 45 55 65 75 85 95
0.6
1.5
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
2.6V SUPPLY
5.0V SUPPLY
3.6V SUPPLY
Figure 39. Quiescent Current vs. Temperature (Excludes 2× Excitation Current)
Figure 41. Input-Referred Noise vs. Frequency
TIME (ms)
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–10
–5
0
5
10
15
20
OUTPUT OFFSET
VOLTAGE
ENBL PIN
VOLTAGE
(0V TO 5V)
TIME (10s/DIV)
Figure 40. 0.01 Hz to 10 Hz Input-Referred Noise
Figure 42. ENBL Pin Voltage for 5.0 V Supply vs.
Output Offset Voltage Start-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com