Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8290ACPZ-R71 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8290ACPZ-R71
Description  G = 50, CMOS Sensor Amplifier with Current Excitation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8290ACPZ-R71 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8290ACPZ-R71 Datasheet HTML 13Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 14Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 15Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 16Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 17Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 18Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 19Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 20Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
AD8290
Rev. B | Page 19 of 20
TEMPERATURE SENSOR APPLICATION
The AD8290 can be used with a temperature sensor. Figure 48
shows the AD8290 in conjunction with an RTD, in this
example, a 2-wire PT100. The specifications for the sensor are
shown in Table 8 and the chosen conditions for the AD8290 are
listed in Table 9.
Once again, care must be taken when picking the excitation
current and RG such that the minimum and maximum
specifications of the AD8290 are not exceeded. Sample
calculations are shown in Table 10.
ADC/MICROCONTROLLER
In both of the previous applications, an ADC or a microcontroller
can be used to follow the AD8290 to convert the output analog
signal to digital. For example, if there are multiple sensors in the
system, the six channel ADuC814ARU microcontoller is an
excellent candidate to interface with multiple AD8290s.
ENBL
VOUT
VCC
NC
NC
VINN
VINP
IOUT
RSET
GND
NC
AD8290
NC
NC
NC
16
1
4
3
2
12
9
10
11
14
15
13
CFILTER
6.8nF
C1
0.1µF
CF2
CF1
5
6
7
8
C2
68nF
CBRIDGE
0.1µF
RSET
3kΩ
RG
698Ω
RTD
3.3V
NC = NO CONNECT
Figure 48. PT100 Temperature Sensor Application Connections
Table 8. PT100 Specifications
RTD Minimum @ 0°C
RTD Maximum @ 100°C
100 Ω
138.5 Ω
Table 9. Typical AD8290 Conditions for Temperature Sensor Circuit
AD8290 VCC (V)
Excitation Current (μA)
Resistor from RTD to GND, RG (Ω)
3.30 (2.6 to 5.5)
300 (300 to 1300)
698
Table 10. Temperature Sensor Circuit Calculations Compared to AD8290 Minimum/Maximum Specifications
Specification
Calculation
Unit
Allowable Range of AD8290
Supply Current
1.8
mA
Current Setting Resistor (RSET)
3000
Ω
692 Ω to 3000 Ω
Minimum Equivalent Resistance to IOUT Pin
798
Ω
Maximum Equivalent Resistance to IOUT Pin
836.5
Ω
Minimum Voltage @ Current Output Pin (IOUT)
0.239
V
>0.0 V
Maximum Voltage @ Current Output Pin (IOUT)
0.251
V
<2.3 V
Input Voltage Minimum
0.209
V
>0.2 V
Input Voltage Maximum
0.251
V
<1.6 V
Output Voltage Minimum
2.365
V
>0.075 V
Output Voltage Maximum
3.013
V
<3.225 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com