Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8290ACPZ-R71 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8290ACPZ-R71
Description  G = 50, CMOS Sensor Amplifier with Current Excitation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8290ACPZ-R71 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8290ACPZ-R71 Datasheet HTML 13Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 14Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 15Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 16Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 17Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 18Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 19Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 20Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
AD8290
Rev. B | Page 17 of 20
MAXIMIZING PERFORMANCE THROUGH PROPER
LAYOUT
To achieve the maximum performance of the AD8290, care
should be taken in the circuit board layout. The PCB surface
must remain clean and free of moisture to avoid leakage currents
between adjacent traces. Surface coating of the circuit board
reduces surface moisture and provides a humidity barrier,
reducing parasitic resistance on the board.
RSET should be placed close to RSET (Pin 11) and GND (Pin 10).
The paddle on the bottom of the package should not be connected
to any potential and should be floating.
For high impedance sources, the PCB traces from the AD8290
inputs should be kept to a minimum to reduce input bias
current errors.
POWER SUPPLY BYPASSING
The AD8290 uses internally generated clock signals to perform
autocorrection. As a result, proper bypassing is necessary to
achieve optimum performance. Inadequate or improper bypassing
of the supply lines can lead to excessive noise and offset voltage.
A 0.1 μF surface-mount capacitor should be connected between
Pin 2 (VCC) and Pin 10 (GND) when operating with a single
supply and should be located as close as possible to those two pins.
DUAL-SUPPLY OPERATION
The AD8290 can be configured to operate in dual-supply mode.
An example of such a circuit is shown in Figure 46, where the
AD8290 is powered by ±1.8 V supplies. When operating with
dual supplies, pins that are normally referenced to ground in the
single-supply mode, now need to be referenced to the negative
supply. These pins include the following: Pin 1, Pin 7, Pin 8, Pin 9,
Pin 10, Pin 12, and Pin 16. External components, such as RSET, the
sensing bridge, and the antialiasing filter capacitor at the output,
should also be referenced to the negative supply. Additionally,
two bypass capacitors should be added beyond what is necessary
for single-supply operation: one between the negative supply
and ground, and the other between the positive and negative
supplies.
When operating in dual-supply mode, the specifications change
and become relative to the negative supply. The input voltage
range minimum shifts from 0.2 V to 0.2 V above the negative
supply (in this example: −1.6 V), the output voltage range shifts
from a minimum of 0.075 V to 0.075 V above the negative supply
(in this example: −1.725 V), and the excitation current pin
voltage minimum shifts from 0 V to −1.8 V in this example.
The maximum specifications of these three parameters are
specified relative to VCC in Table 1 and do not change.
For other specifications, both the minimum and maximum
specifications change. The output offset shifts from a minimum
of +865 mV and maximum of +935 mV to a minimum of
−935 mV and a maximum of −865 mV in the example. In
addition, the logic levels for the ENBL operation should be
adjusted accordingly.
CBRIDGE
NC = NO CONNECT
ENBL
VOUT
VOUT
VCC
VINP
VINN
IOUT
RSET
GND
AD8290
4
3
2
10
11
15
14
13
CFILTER
6.8nF
C1
0.1µF
CF2
CF1
5
6
C2
68nF
RSET
692Ω TO 3kΩ
1.8V
C3
0.1µF
–1.8V
C5
0.1µF
NC
NC
NC
NC
NC
NC
16
1
12
9
7
8
–1.8V
–1.8V
–1.8V
NOTES
LAYOUT CONSIDERATIONS:
1. KEEP C1 CLOSE TO PIN 2 AND PIN 10.
2. KEEP C3 CLOSE TO PIN 2.
3. KEEP C5 CLOSE TO PIN 10.
4. KEEP RSET CLOSE TO PIN 11.
Figure 46. Typical Dual-Supply Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com