Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8290ACPZ-R71 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8290ACPZ-R71
Description  G = 50, CMOS Sensor Amplifier with Current Excitation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8290ACPZ-R71 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8290ACPZ-R71 Datasheet HTML 13Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 14Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 15Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 16Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 17Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 18Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 19Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 20Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AD8290
Rev. B | Page 20 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-248-UEED.
1
0.50
BSC
PIN 1
INDICATOR
TOP VIEW
BOTTOM VIEW
SEATING
PLANE
INDEX
AREA
0.60
0.55
0.51
0.30
0.25
0.18
0.05 MAX
0.02 NOM
0.40 MAX
0.30 NOM
0.08 REF
3.00
BSC SQ
1.80
1.70 SQ
1.55
16
5
13
8
9
12
4
EXPOSED
PAD
Figure 49. 16-Lead Lead Frame Chip Scale Package [LFCSP_UQ]
3 mm × 3 mm Body, Ultra Thin Quad
(CP-16-12)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8290ACPZ-R21
−40°C to +85°C
16-Lead LFCSP_UQ
CP-16-12
Y0J
AD8290ACPZ-R71
−40°C to +85°C
16-Lead LFCSP_UQ
CP-16-12
Y0J
AD8290ACPZ-RL1
−40°C to +85°C
16-Lead LFCSP_UQ
CP-16-12
Y0J
1 Z = RoHS Compliant Part.
©2007–2008 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06745-0-2/08(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com