Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8290ACPZ-R71 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8290ACPZ-R71
Description  G = 50, CMOS Sensor Amplifier with Current Excitation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8290ACPZ-R71 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8290ACPZ-R71 Datasheet HTML 8Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 9Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 10Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 11Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 12Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 13Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 14Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 15Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AD8290
Rev. B | Page 11 of 20
DRIFT (ppm/°C)
0
5
10
15
20
25
30
35
40
–16.0 –15.5 –15.0 –14.5 –14.0 –13.5 –13.0 –12.5 –12.0
Figure 27. Gain Drift from −40°C to +85°C at 2.6 V Supply
DRIFT (ppm/°C)
0
5
10
15
20
25
30
35
40
–16.0 –15.5 –15.0 –14.5 –14.0 –13.5 –13.0 –12.5 –12.0
Figure 28. Gain Drift from −40°C to +85°C at 3.6 V Supply
DRIFT (ppm/°C)
0
5
10
15
20
25
30
35
40
–16.0 –15.5 –15.0 –14.5 –14.0 –13.5 –13.0 –12.5 –12.0
Figure 29. Gain Drift from −40°C to +85°C at 5.0 V Supply
FREQUENCY (Hz)
1
10
100
1
10
100
1k
10k
Figure 30. Frequency Response for Supply Range of 2.6 V to 5.0 V
(External CFILTER = 6.8 nF, Antialiasing Capacitor = 68 nF)
290
292
294
296
298
300
302
304
306
308
310
2.50 2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00 5.25 5.50
POWER SUPPLY (V)
Figure 31. Low Excitation Current vs. Power Supply
1.290
1.292
1.294
1.296
1.298
1.300
1.302
1.304
1.306
1.308
1.310
2.50 2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00 5.25 5.50
POWER SUPPLY (V)
Figure 32. High Excitation Current vs. Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com