Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8290ACPZ-R71 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8290ACPZ-R71
Description  G = 50, CMOS Sensor Amplifier with Current Excitation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8290ACPZ-R71 Datasheet(HTML) 1 Page - Analog Devices

  AD8290ACPZ-R71 Datasheet HTML 1Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 2Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 3Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 4Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 5Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 6Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 7Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 8Page - Analog Devices AD8290ACPZ-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
G = 50, CMOS Sensor Amplifier
with Current Excitation
AD8290
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Supply voltage range: 2.6 V to 5.5 V
Low power
1.2 mA + 2× excitation current
0.5 μA shutdown current
Low input bias current: ±100 pA
High CMRR: 120 dB
Space savings: 16-lead, 3.0 mm × 3.0 mm × 0.55 mm LFCSP
Excitation current
300 μA to 1300 μA range
Set with external resistor
APPLICATIONS
Bridge and sensor drives
Portable electronics
GENERAL DESCRIPTION
The AD8290 contains both an adjustable current source to
drive a sensor and a difference amplifier to amplify the signal
voltage. The amplifier is set for a fixed gain of 50. The AD8290
is an excellent solution for both the drive and the sensing aspects
required for pressure, temperature, and strain gage bridges.
In addition, because the AD8290 operates with low power,
works with a range of low supply voltages, and is available in a
low profile package, it is suitable for drive/sense circuits in
portable electronics as well.
The AD8290 is available in a lead free 3.0 mm × 3.0 mm ×
0.55 mm package and is operational over the industrial
temperature range of −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
VREF
14
15
13
11
6
5
3
4
10
2
ADC
ANTI-
ALIASING
FILTER
VCC
GND
ENBL
CFILTER
RSET
AD8290
CBRIDGE
NC
NC
NC
NC
NC
NC
16
1
12
9
7
8
Figure 1.


Similar Part No. - AD8290ACPZ-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8290ACPZ-R7 AD-AD8290ACPZ-R7 Datasheet
541Kb / 20P
G = 50, CMOS Sensor Amplifier with Current Excitation
REV. B
More results

Similar Description - AD8290ACPZ-R71

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR105 BURR-BROWN-XTR105 Datasheet
265Kb / 15P
4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR112 BURR-BROWN-XTR112 Datasheet
255Kb / 16P
4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
logo
Analog Devices
AD8290 AD-AD8290 Datasheet
541Kb / 20P
G = 50, CMOS Sensor Amplifier with Current Excitation
REV. B
logo
Texas Instruments
XTR105-DIE TI1-XTR105-DIE Datasheet
110Kb / 5P
4-20mA CURRENT TRANSMITTER WITH SENSOR EXCITATION AND LINEARIZATION
XTR105 TI1-XTR105 Datasheet
576Kb / 21P
4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR112 TI1-XTR112 Datasheet
217Kb / 18P
4-20mA CURRENT TRANSMITTERS with Sensor Excitation and Linearization
XTR105UAG4 TI-XTR105UAG4 Datasheet
722Kb / 21P
4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
XTR105 TI1-XTR105_15 Datasheet
808Kb / 23P
4-20mA CURRENT TRANSMITTER with Sensor Excitation and Linearization
logo
Omron Electronics LLC
ZX1 OMRON-ZX1 Datasheet
1Mb / 10P
CMOS Laser Sensor with Built-in Amplifier
logo
New Japan Radio
NJU7870Z2 NJRC-NJU7870Z2 Datasheet
1Mb / 23P
Amplifier for resolver excitation
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com