Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613H Datasheet(PDF) 48 Page - Cypress Semiconductor

Part # MB95F613H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613H Datasheet(HTML) 48 Page - Cypress Semiconductor

Back Button MB95F613H Datasheet HTML 44Page - Cypress Semiconductor MB95F613H Datasheet HTML 45Page - Cypress Semiconductor MB95F613H Datasheet HTML 46Page - Cypress Semiconductor MB95F613H Datasheet HTML 47Page - Cypress Semiconductor MB95F613H Datasheet HTML 48Page - Cypress Semiconductor MB95F613H Datasheet HTML 49Page - Cypress Semiconductor MB95F613H Datasheet HTML 50Page - Cypress Semiconductor MB95F613H Datasheet HTML 51Page - Cypress Semiconductor MB95F613H Datasheet HTML 52Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 48 of 110
PRELIMINARY
MB95610H Series
15.3.3 Port 2 registers
■ Port 2 register functions
■ Correspondence between registers and pins for port 2
Register
abbreviation
Data
Read
Read by read-modify-write
(RMW) instruction
Write
PDR2
0
Pin state is “L” level.
PDR2 value is “0”.
As output port, outputs “L” level.
1
Pin state is “H” level.
PDR2 value is “1”.
As output port, outputs “H” level.
DDR2
0
Port input enabled
1
Port output enabled
Correspondence between related register bits and pins
Pin name
P27
P26
P25
P24
P23
P22
P21
P20
PDR2
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
DDR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com