Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613H Datasheet(PDF) 58 Page - Cypress Semiconductor

Part # MB95F613H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613H Datasheet(HTML) 58 Page - Cypress Semiconductor

Back Button MB95F613H Datasheet HTML 54Page - Cypress Semiconductor MB95F613H Datasheet HTML 55Page - Cypress Semiconductor MB95F613H Datasheet HTML 56Page - Cypress Semiconductor MB95F613H Datasheet HTML 57Page - Cypress Semiconductor MB95F613H Datasheet HTML 58Page - Cypress Semiconductor MB95F613H Datasheet HTML 59Page - Cypress Semiconductor MB95F613H Datasheet HTML 60Page - Cypress Semiconductor MB95F613H Datasheet HTML 61Page - Cypress Semiconductor MB95F613H Datasheet HTML 62Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 58 of 110
PRELIMINARY
MB95610H Series
15.5.3 Port 5 registers
■ Port 5 register functions
■ Correspondence between registers and pins for port 5
15.5.4 Port 5 operations
■ Operation as an output port
❐ A pin becomes an output port if the bit in the DDR5 register corresponding to that pin is set to “1”.
❐ For a pin shared with other peripheral functions, disable the output of such peripheral functions.
❐ When a pin is used as an output port, it outputs the value of the PDR5 register to external pins.
❐ If data is written to the PDR5 register, the value is stored in the output latch and is output to the pin set as an output port as it is.
❐ Reading the PDR5 register returns the PDR5 register value.
■ Operation as an input port
❐ A pin becomes an input port if the bit in the DDR5 register corresponding to that pin is set to “0”.
❐ For a pin shared with other peripheral functions, disable the output of such peripheral functions.
❐ If data is written to the PDR5 register, the value is stored in the output latch but is not output to the pin set as an input port.
❐ Reading the PDR5 register returns the pin value. However, if the read-modify-write (RMW) type of instruction is used to read the
PDR5 register, the PDR5 register value is returned.
■ Operation as a peripheral function output pin
❐ A pin becomes a peripheral function output pin if the peripheral output function is enabled by setting the output enable bit of a
peripheral function corresponding to that pin.
❐ The pin value can be read from the PDR5 register even if the peripheral function output is enabled. Therefore, the output value
of a peripheral function can be read by the read operation on the PDR5 register. However, if the read-modify-write (RMW) type
of instruction is used to read the PDR5 register, the PDR5 register value is returned.
■ Operation as a peripheral function input pin
❐ To set a pin as an input port, set the bit in the DDR5 register corresponding to the input pin of a peripheral function to “0”.
❐ Reading the PDR5 register returns the pin value, regardless of whether the peripheral function uses that pin as its input pin.
However, if the read-modify-write (RMW) type of instruction is used to read the PDR5 register, the PDR5 register value is returned.
■ Operation at reset
If the CPU is reset, all bits in the DDR5 register are initialized to “0” and port input is enabled.
Register
abbreviation
Data
Read
Read by read-modify-write
(RMW) instruction
Write
PDR5
0
Pin state is “L” level.
PDR5 value is “0”.
As output port, outputs “L” level.
1
Pin state is “H” level.
PDR5 value is “1”.
As output port, outputs “H” level.
DDR5
0
Port input enabled
1
Port output enabled
PUL5
0
Pull-up disabled
1
Pull-up enabled
Correspondence between related register bits and pins
Pin name
-
-
-
-
-
P52
P51
P50
PDR5
----
-
bit2
bit1
bit0
DDR5
PUL5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com