Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613H Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # MB95F613H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613H Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button MB95F613H Datasheet HTML 23Page - Cypress Semiconductor MB95F613H Datasheet HTML 24Page - Cypress Semiconductor MB95F613H Datasheet HTML 25Page - Cypress Semiconductor MB95F613H Datasheet HTML 26Page - Cypress Semiconductor MB95F613H Datasheet HTML 27Page - Cypress Semiconductor MB95F613H Datasheet HTML 28Page - Cypress Semiconductor MB95F613H Datasheet HTML 29Page - Cypress Semiconductor MB95F613H Datasheet HTML 30Page - Cypress Semiconductor MB95F613H Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 27 of 110
PRELIMINARY
MB95610H Series
13. Areas for Specific Applications
The general-purpose register area and vector table area are used for the specific applications.
■ General-purpose register area (Addresses: 0x0100 to 0x01FF*)
❐ This area contains the auxiliary registers used for 8-bit arithmetic operations, transfer, etc.
❐ As this area forms part of the RAM area, it can also be used as conventional RAM.
❐ When the area is used as general-purpose registers, general-purpose register addressing enables high-speed access with short
instructions.
■ Non-volatile register data area (Addresses: 0xFFBB to 0xFFBF)
❐ The area from 0xFFBB to 0xFFBF is used to store data of the non-volatile register. For details, refer to “CHAPTER 27 NON-VOL-
ATILE REGISTER (NVR) INTERFACE” in “New 8FX MB95610H Series Hardware Manual”.
■ Vector table area (Addresses: 0xFFC0 to 0xFFFF)
❐ This area is used as the vector table for vector call instructions (CALLV), interrupts, and resets.
❐ The top of the Flash memory area is allocated to the vector table area. The start address of a service routine is set to an address
in the vector table in the form of data.
“
■ Interrupt Source Table” lists the vector table addresses corresponding to vector call instructions, interrupts, and resets.
For details, refer to “CHAPTER 4 RESET”, “CHAPTER 5 INTERRUPTS”, and “A.2 Special Instruction
■ Special Instruction ● CALLV
#vct” in “APPENDIX” in “New 8FX MB95610H Series Hardware Manual”.
■ Direct bank pointer and access area
*: Due to the memory size limit, the available access area is up to “0x028F” in MB95F613H/F613K.
Direct bank pointer (DP[2:0])
Operand-specified dir
Access area
0bXXX (It does not affect mapping.)
0x0000 to 0x007F
0x0000 to 0x007F
0b000 (initial value)
0x0090 to 0x00FF
0x0090 to 0x00FF
0b001
0x0080 to 0x00FF
0x0100 to 0x017F
0b010
0x0180 to 0x01FF
0b011
0x0200 to 0x027F
0b100
0x0280 to 0x02FF*
0b101
0x0300 to 0x037F
0b110
0x0380 to 0x03FF
0b111
0x0400 to 0x047F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com