Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613H Datasheet(PDF) 96 Page - Cypress Semiconductor

Part # MB95F613H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613H Datasheet(HTML) 96 Page - Cypress Semiconductor

Back Button MB95F613H Datasheet HTML 92Page - Cypress Semiconductor MB95F613H Datasheet HTML 93Page - Cypress Semiconductor MB95F613H Datasheet HTML 94Page - Cypress Semiconductor MB95F613H Datasheet HTML 95Page - Cypress Semiconductor MB95F613H Datasheet HTML 96Page - Cypress Semiconductor MB95F613H Datasheet HTML 97Page - Cypress Semiconductor MB95F613H Datasheet HTML 98Page - Cypress Semiconductor MB95F613H Datasheet HTML 99Page - Cypress Semiconductor MB95F613H Datasheet HTML 100Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 96 of 110
PRELIMINARY
MB95610H Series
(Continued)
(VCC = 5.0 V10%, VSS = 0.0 V, TA = 40 °C to 85 °C)
*1: R represents the pull-up resistor of the SCL and SDA lines, and C the load capacitor of the SCL and SDA lines.
*2: • See “(2) Source Clock/Machine Clock” for tMCLK.
• m represents the CS[4:3] bits in the I2C clock control register ch. 0 (ICCR0).
• n represents the CS[2:0] bits in the I2C clock control register ch. 0 (ICCR0).
• The actual timing of the I2C bus interface is determined by the values of m and n set by the machine clock (tMCLK) and the
CS[4:0] bits in the ICCR0 register.
• Standard-mode:
m and n can be set to values in the following range: 0.9 MHz
 tMCLK (machine clock)  16.25 MHz.
The usable frequencies of the machine clock are determined by the settings of m and n as shown below.
(m, n) = (1, 8)
: 0.9 MHz < tMCLK  1 MHz
(m, n) = (1, 22), (5, 4), (6, 4), (7, 4), (8, 4)
: 0.9 MHz < tMCLK  2 MHz
(m, n) = (1, 38), (5, 8), (6, 8), (7, 8), (8, 8)
: 0.9 MHz < tMCLK  4 MHz
(m, n) = (1, 98), (5, 22), (6, 22), (7, 22)
: 0.9 MHz < tMCLK  10 MHz
(m, n) = (8, 22)
: 0.9 MHz < tMCLK  16.25 MHz
• Fast-mode:
m and n can be set to values in the following range: 3.3 MHz < tMCLK (machine clock) < 16.25 MHz.
The usable frequencies of the machine clock are determined by the settings of m and n as shown below.
(m, n) = (1, 8)
: 3.3 MHz < tMCLK  4 MHz
(m, n) = (1, 22), (5, 4)
: 3.3 MHz < tMCLK  8 MHz
(m, n) = (1, 38), (6, 4), (7, 4), (8, 4)
: 3.3 MHz < tMCLK  10 MHz
(m, n) = (5, 8)
: 3.3 MHz < tMCLK  16.25 MHz
Parameter
Symbol
Pin
name
Condition
Value*2
Unit
Remarks
Min
Max
START condition
detection
tHD;STA
SCL,
SDA
R = 1.7 k
,
C = 50 pF*1
2 tMCLK  20
—
ns
No START condition is detected
when 1 tMCLK is used at reception.
STOP condition
detection
tSU;STO
SCL,
SDA
2 tMCLK  20
—
ns
No STOP condition is detected when
1 tMCLK is used at reception.
RESTART condition
detection condition
tSU;STA
SCL,
SDA
2 tMCLK  20
—
ns
No RESTART condition is detected
when 1 tMCLK is used at reception.
Bus free time
tBUF
SCL,
SDA
2 tMCLK  20
—
ns
At reception
Data hold time
tHD;DAT
SCL,
SDA
2 tMCLK  20
—
ns
At slave transmission mode
Data setup time
tSU;DAT
SCL,
SDA
tLOW  3 tMCLK  20
—
ns
At slave transmission mode
Data hold time
tHD;DAT
SCL,
SDA
0
—
ns
At reception
Data setup time
tSU;DAT
SCL,
SDA
tMCLK  20
—
ns
At reception
SDA
  SCL
(with wakeup function
in use)
tWAKEUP
SCL,
SDA
Oscillation stabilization wait
time
2 tMCLK  20
—ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com