Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613H Datasheet(PDF) 80 Page - Cypress Semiconductor

Part # MB95F613H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613H Datasheet(HTML) 80 Page - Cypress Semiconductor

Back Button MB95F613H Datasheet HTML 76Page - Cypress Semiconductor MB95F613H Datasheet HTML 77Page - Cypress Semiconductor MB95F613H Datasheet HTML 78Page - Cypress Semiconductor MB95F613H Datasheet HTML 79Page - Cypress Semiconductor MB95F613H Datasheet HTML 80Page - Cypress Semiconductor MB95F613H Datasheet HTML 81Page - Cypress Semiconductor MB95F613H Datasheet HTML 82Page - Cypress Semiconductor MB95F613H Datasheet HTML 83Page - Cypress Semiconductor MB95F613H Datasheet HTML 84Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 80 of 110
PRELIMINARY
MB95610H Series
(VCC = 5.0 V10%, VSS = 0.0 V, TA = 40 C to 85 °C)
(Continued)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
Power supply
current*1
ICCMPLL
VCC
FMCRPLL = 16 MHz
FMP = 16 MHz
Main CR PLL clock
mode
(multiplied by 4)
TA = 25 °C
—5.5
6.8
mA
ICCMCR
FCRH = 4 MHz
FMP = 4 MHz
Main CR clock mode
—1.4
2.0
mA
ICCSCR
Sub-CR clock mode
(divided by 2)
TA = 25 °C
—
70
150
µA
ICCTS
VCC
(External clock
operation)
FCH = 32 MHz
Time-base timer mode
TA = 25 °C
—
360
410
µA
ICCH
Substop mode
TA = 25 °C
—7
11
µA
ILVD
VCC
Current consumption
of the low-voltage
detection reset circuit
—4
7
µA
The low-voltage
detection reset circuit
operates only in
on-chip debug mode.
ICRH
Current consumption
of the main CR
oscillator
—
240
320
µA
ICRL
Current consumption
of the sub-CR
oscillator oscillating at
100 kHz
—7
20
µA
INSTBY
Current consumption
difference between
normal standby mode
and deep standby
mode
TA = 25 °C
—20
30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com