Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613H Datasheet(PDF) 55 Page - Cypress Semiconductor

Part # MB95F613H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613H Datasheet(HTML) 55 Page - Cypress Semiconductor

Back Button MB95F613H Datasheet HTML 51Page - Cypress Semiconductor MB95F613H Datasheet HTML 52Page - Cypress Semiconductor MB95F613H Datasheet HTML 53Page - Cypress Semiconductor MB95F613H Datasheet HTML 54Page - Cypress Semiconductor MB95F613H Datasheet HTML 55Page - Cypress Semiconductor MB95F613H Datasheet HTML 56Page - Cypress Semiconductor MB95F613H Datasheet HTML 57Page - Cypress Semiconductor MB95F613H Datasheet HTML 58Page - Cypress Semiconductor MB95F613H Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 55 of 110
PRELIMINARY
MB95610H Series
■ Operation as an LCDC segment output pin
❐ Set the bit in the DDR3 register corresponding to a desired LCDC segment output pin to “0”.
❐ Select the segment pin by setting a corresponding function select bit in the LCDC enable register 8 (LCDCE8:SEG[43:40]) or in
the LCDC enable register 7 (LCDCE7:SEG[39:36]) to “1”, and then set the PICTL bit in the LCDCE1 register to “1”.
■ Operation at reset
If the CPU is reset, all bits in the DDR3 register are initialized to “0” and port input is enabled.
■ Operation in stop mode and watch mode
❐ If the pin state setting bit in the standby control register (STBC:SPL) is set to “1” and the device transits to stop mode or watch
mode, the pin is compulsorily made to enter the high impedance state regardless of the DDR3 register value. The input of that
pin is locked to “L” level and blocked in order to prevent leaks due to input open. However, if the interrupt input is enabled for the
external interrupt (INT04 to INT07), the input is enabled and not blocked.
❐ If the pin state setting bit is “0”, the state of the port I/O or that of the peripheral function I/O remains unchanged and the output
level is maintained.
■ Operation as an external interrupt input pin
❐ Set the bit in the DDR3 register corresponding to the external interrupt input pin to “0”.
❐ For a pin shared with other peripheral functions, disable the output of such peripheral functions.
❐ The pin value is always input to the external interrupt circuit. When using a pin for a function other than the interrupt, disable the
external interrupt function corresponding to that pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com