Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613H Datasheet(PDF) 91 Page - Cypress Semiconductor

Part # MB95F613H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613H Datasheet(HTML) 91 Page - Cypress Semiconductor

Back Button MB95F613H Datasheet HTML 87Page - Cypress Semiconductor MB95F613H Datasheet HTML 88Page - Cypress Semiconductor MB95F613H Datasheet HTML 89Page - Cypress Semiconductor MB95F613H Datasheet HTML 90Page - Cypress Semiconductor MB95F613H Datasheet HTML 91Page - Cypress Semiconductor MB95F613H Datasheet HTML 92Page - Cypress Semiconductor MB95F613H Datasheet HTML 93Page - Cypress Semiconductor MB95F613H Datasheet HTML 94Page - Cypress Semiconductor MB95F613H Datasheet HTML 95Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 91 of 110
PRELIMINARY
MB95610H Series
18.4.4 Power-on Reset
(VSS = 0.0 V, TA = 40 °C to 85 °C)
Note: A sudden change of power supply voltage may activate the power-on reset function. When changing the power supply voltage
during the operation, set the slope of rising to a value below within 30 mV/ms as shown below.
18.4.5 Peripheral Input Timing
(VCC = 5.0 V10%, VSS = 0.0 V, TA = 40 °C to 85 °C)
*: See “Source Clock/Machine Clock” for tMCLK.
Parameter
Symbol
Condition
Value
Unit
Remarks
Min
Max
Power supply rising time
tR

50
ms
Power supply cutoff time
tOFF
1
ms
Wait time until power-on
Parameter
Symbol
Pin name
Value
Unit
Min
Max
Peripheral input “H” pulse width
tILIH
INT00 to INT07, EC0, EC1, ADTG, TI0
2 tMCLK*
ns
Peripheral input “L” pulse width
tIHIL
2 tMCLK*
ns
0.2 V
0.2 V
tOFF
tR
2.5 V
0.2 V
VCC
VCC
2.3 V
VSS
Hold condition in stop mode
Set the slope of rising to
a value below 30 mV/ms.
INT00 to INT07,
EC0, EC1, ADTG,
TI0
0.8 VCC
0.8 VCC
0.2 VCC
0.2 VCC
tILIH
tIHIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com