Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613H Datasheet(PDF) 79 Page - Cypress Semiconductor

Part # MB95F613H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613H Datasheet(HTML) 79 Page - Cypress Semiconductor

Back Button MB95F613H Datasheet HTML 75Page - Cypress Semiconductor MB95F613H Datasheet HTML 76Page - Cypress Semiconductor MB95F613H Datasheet HTML 77Page - Cypress Semiconductor MB95F613H Datasheet HTML 78Page - Cypress Semiconductor MB95F613H Datasheet HTML 79Page - Cypress Semiconductor MB95F613H Datasheet HTML 80Page - Cypress Semiconductor MB95F613H Datasheet HTML 81Page - Cypress Semiconductor MB95F613H Datasheet HTML 82Page - Cypress Semiconductor MB95F613H Datasheet HTML 83Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 79 of 110
PRELIMINARY
MB95610H Series
(VCC = 5.0 V10%, VSS = 0.0 V, TA = 40 C to 85 °C)
(Continued)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
Input leak
current (Hi-Z
output leak
current)
ILI
P00 to P07,
P12 to P15,
P20 to P27,
P30 to P37,
P50 to P52,
P90 to P94,
PF0 to PF2
PG1, PG2
0.0 V < VI < VCC
5—
5µA
When the internal
pull-up resistor is
disabled
Internal
pull-up resistor
RPULL
P13 to P15,
P50 to P52,
PG1, PG2*1
VI = 0 V
25
50
100
k
When the internal
pull-up resistor is
enabled
Input
capacitance
CIN
Other than VCC
and VSS
f = 1 MHz
—
5
15
pF
Power supply
current*1
ICC
VCC
(External clock
operation)
FCH = 32 MHz
FMP = 16 MHz
Main clock mode
(divided by 2)
—4.5
5.8
mA
Except during Flash
memory programming
and erasing
—
10.0
13.8
mA
During Flash memory
programming and
erasing
—
6.3
9.1
mA
At A/D conversion
ICCS
FCH = 32 MHz
FMP = 16 MHz
Main sleep mode
(divided by 2)
—2.0
3.0
mA
ICCL
FCL = 32 kHz
FMPL = 16 kHz
Subclock mode
(divided by 2)
TA = 25 °C
—60
100
µA
ICCLS*2
FCL = 32 kHz
FMPL = 16 kHz
Subsleep mode
(divided by 2)
TA = 25 °C
—10
15
µA
ICCT*2
FCL = 32 kHz
Watch mode
Main stop mode
TA = 25 °C
—8
13
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com