Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613H Datasheet(PDF) 97 Page - Cypress Semiconductor

Part # MB95F613H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613H Datasheet(HTML) 97 Page - Cypress Semiconductor

Back Button MB95F613H Datasheet HTML 93Page - Cypress Semiconductor MB95F613H Datasheet HTML 94Page - Cypress Semiconductor MB95F613H Datasheet HTML 95Page - Cypress Semiconductor MB95F613H Datasheet HTML 96Page - Cypress Semiconductor MB95F613H Datasheet HTML 97Page - Cypress Semiconductor MB95F613H Datasheet HTML 98Page - Cypress Semiconductor MB95F613H Datasheet HTML 99Page - Cypress Semiconductor MB95F613H Datasheet HTML 100Page - Cypress Semiconductor MB95F613H Datasheet HTML 101Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 97 of 110
PRELIMINARY
MB95610H Series
18.4.8 UART/SIO, Serial I/O Timing
(VCC = 5.0 V10%, VSS = 0.0 V, TA = 40 °C to 85 °C)
*: See “Source Clock/Machine Clock” for tMCLK.
Parameter
Symbol
Pin name
Condition
Value
Unit
Min
Max
Serial clock cycle time
tSCYC
UCK0, UCK1
Internal clock operation:
CL = 80 pF + 1 TTL
4 tMCLK*—
ns
UCK
 UO time
tSLOV
UCK0, UCK1, UO0,
UO1
190
190
ns
Valid UI
 UCK 
tIVSH
UCK0, UCK1, UI0,
UI1
2 tMCLK*—
ns
UCK
 valid UI hold time
tSHIX
UCK0, UCK1, UI0,
UI1
2 tMCLK*—
ns
Serial clock “H” pulse width
tSHSL
UCK0, UCK1
External clock operation:
CL = 80 pF + 1 TTL
4 tMCLK*—
ns
Serial clock “L” pulse width
tSLSH
UCK0, UCK1
4 tMCLK*—
ns
UCK
 UO time
tSLOV
UCK0, UCK1, UO0,
UO1
—
190
ns
Valid UI
 UCK 
tIVSH
UCK0, UCK1, UI0,
UI1
2 tMCLK*—
ns
UCK
 valid UI hold time
tSHIX
UCK0, UCK1, UI0,
UI1
2 tMCLK*—
ns
0.2 VCC
0.2 VCC
0.8 VCC
tSLOV
tIVSH
tSHIX
0.8 VCC
0.2 VCC
UCK0,
UCK1
UO0,
UO1
UI0,
UI1
0.7 VCC
0.3 VCC
0.7 VCC
0.3 VCC
tSCYC
• Internal shift clock mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com