Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613H Datasheet(PDF) 56 Page - Cypress Semiconductor

Part # MB95F613H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613H Datasheet(HTML) 56 Page - Cypress Semiconductor

Back Button MB95F613H Datasheet HTML 52Page - Cypress Semiconductor MB95F613H Datasheet HTML 53Page - Cypress Semiconductor MB95F613H Datasheet HTML 54Page - Cypress Semiconductor MB95F613H Datasheet HTML 55Page - Cypress Semiconductor MB95F613H Datasheet HTML 56Page - Cypress Semiconductor MB95F613H Datasheet HTML 57Page - Cypress Semiconductor MB95F613H Datasheet HTML 58Page - Cypress Semiconductor MB95F613H Datasheet HTML 59Page - Cypress Semiconductor MB95F613H Datasheet HTML 60Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 56 of 110
PRELIMINARY
MB95610H Series
15.5 Port 5
Port 5 is a general-purpose I/O port. This section focuses on its functions as a general-purpose I/O port. For details of peripheral
functions, refer to their respective chapters in “New 8FX MB95610H Series Hardware Manual”.
15.5.1 Port 5 configuration
Port 5 is made up of the following elements.
■ General-purpose I/O pins/peripheral function I/O pins
■ Port 5 data register (PDR5)
■ Port 5 direction register (DDR5)
■ Port 5 pull-up register (PUL5)
15.5.2 Block diagrams of port 5
■ P50/TO01 pin
This pin has the following peripheral function:
❐ 8/16-bit composite time ch. 0 output pin (TO01)
■ P52/TO00 pin
This pin has the following peripheral function:
❐ 8/16-bit composite time ch. 0 output pin (TO00)
■ Block diagram of P50/TO01 and P52/TO00
■ P51/EC0 pin
This pin has the following peripheral function:
❐ 8/16-bit composite time ch. 0 clock input pin (EC0)
PDR5
Pin
PDR5 read
PDR5 write
Executing bit manipulation instruction
DDR5 read
DDR5 write
PUL5 read
PUL5 write
DDR5
PUL5
0
1
1
0
Stop mode, watch mode (SPL = 1)
Peripheral function output enable
Peripheral function output
Hysteresis
Pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com