Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613H Datasheet(PDF) 69 Page - Cypress Semiconductor

Part # MB95F613H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613H Datasheet(HTML) 69 Page - Cypress Semiconductor

Back Button MB95F613H Datasheet HTML 65Page - Cypress Semiconductor MB95F613H Datasheet HTML 66Page - Cypress Semiconductor MB95F613H Datasheet HTML 67Page - Cypress Semiconductor MB95F613H Datasheet HTML 68Page - Cypress Semiconductor MB95F613H Datasheet HTML 69Page - Cypress Semiconductor MB95F613H Datasheet HTML 70Page - Cypress Semiconductor MB95F613H Datasheet HTML 71Page - Cypress Semiconductor MB95F613H Datasheet HTML 72Page - Cypress Semiconductor MB95F613H Datasheet HTML 73Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 69 of 110
PRELIMINARY
MB95610H Series
16. Interrupt Source Table
Interrupt source
Interrupt
request
number
Vector table
address
Interrupt level setting
register
Priority order of
interrupt sources of
the same level
(occurring
simultaneously)
Upper
Lower
Register
Bit
External interrupt ch. 0
IRQ00
0xFFFA
0xFFFB
ILR0
L00 [1:0]
High
Low
External interrupt ch. 4
External interrupt ch. 1
IRQ01
0xFFF8
0xFFF9
ILR0
L01 [1:0]
External interrupt ch. 5
External interrupt ch. 2
IRQ02
0xFFF6
0xFFF7
ILR0
L02 [1:0]
External interrupt ch. 6
External interrupt ch. 3
IRQ03
0xFFF4
0xFFF5
ILR0
L03 [1:0]
External interrupt ch. 7
UART/SIO ch. 0
IRQ04
0xFFF2
0xFFF3
ILR1
L04 [1:0]
8/16-bit composite timer ch. 0 (lower)
IRQ05
0xFFF0
0xFFF1
ILR1
L05 [1:0]
8/16-bit composite timer ch. 0 (upper)
IRQ06
0xFFEE
0xFFEF
ILR1
L06 [1:0]
—
IRQ07
0xFFEC
0xFFED
ILR1
L07 [1:0]
LCDC
IRQ08
0xFFEA
0xFFEB
ILR2
L08 [1:0]
8/16-bit PPG ch. 1 (lower)
IRQ09
0xFFE8
0xFFE9
ILR2
L09 [1:0]
UART/SIO ch. 1
8/16-bit PPG ch. 1 (upper)
IRQ10
0xFFE6
0xFFE7
ILR2
L10 [1:0]
16-bit reload timer ch. 0
IRQ11
0xFFE4
0xFFE5
ILR2
L11 [1:0]
8/16-bit PPG ch. 0 (upper)
IRQ12
0xFFE2
0xFFE3
ILR3
L12 [1:0]
8/16-bit PPG ch. 0 (lower)
IRQ13
0xFFE0
0xFFE1
ILR3
L13 [1:0]
8/16-bit composite timer ch. 1 (upper)
IRQ14
0xFFDE
0xFFDF
ILR3
L14 [1:0]
—
IRQ15
0xFFDC
0xFFDD
ILR3
L15 [1:0]
I2C bus interface ch. 0
IRQ16
0xFFDA
0xFFDB
ILR4
L16 [1:0]
—
IRQ17
0xFFD8
0xFFD9
ILR4
L17 [1:0]
8/10-bit A/D converter
IRQ18
0xFFD6
0xFFD7
ILR4
L18 [1:0]
Time-base timer
IRQ19
0xFFD4
0xFFD5
ILR4
L19 [1:0]
Watch prescaler
IRQ20
0xFFD2
0xFFD3
ILR5
L20 [1:0]
Watch counter
—
IRQ21
0xFFD0
0xFFD1
ILR5
L21 [1:0]
8/16-bit composite timer ch. 1 (lower)
IRQ22
0xFFCE
0xFFCF
ILR5
L22 [1:0]
Flash memory
IRQ23
0xFFCC
0xFFCD
ILR5
L23 [1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com