Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613H Datasheet(PDF) 82 Page - Cypress Semiconductor

Part # MB95F613H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613H Datasheet(HTML) 82 Page - Cypress Semiconductor

Back Button MB95F613H Datasheet HTML 78Page - Cypress Semiconductor MB95F613H Datasheet HTML 79Page - Cypress Semiconductor MB95F613H Datasheet HTML 80Page - Cypress Semiconductor MB95F613H Datasheet HTML 81Page - Cypress Semiconductor MB95F613H Datasheet HTML 82Page - Cypress Semiconductor MB95F613H Datasheet HTML 83Page - Cypress Semiconductor MB95F613H Datasheet HTML 84Page - Cypress Semiconductor MB95F613H Datasheet HTML 85Page - Cypress Semiconductor MB95F613H Datasheet HTML 86Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 82 of 110
PRELIMINARY
MB95610H Series
18.4 AC Characteristics
18.4.1 Clock Timing
(VCC = 2.4 V to 5.5 V, VSS = 0.0 V, TA = 40 °C to 85 °C)
(Continued)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
FCH
X0, X1
—
1
—
16.25
MHz
When the main oscillation circuit is
used
X0
X1: open
1
—
12
MHz
When the main external clock is used
X0, X1
*
1
—
32.5
MHz
X0, X1
—
4
—
8.13
MHz
Operating conditions
• The main clock is used.
• PLL multiplication rate: 2
4—
6.5
MHz
Operating conditions
• The main clock is used.
• PLL multiplication rate: 2.5
4
—
5.41
MHz
Operating conditions
• The main clock is used.
• PLL multiplication rate: 3
4
—
4.06
MHz
Operating conditions
• The main clock is used.
• PLL multiplication rate: 4
FCRH
——
3.92
4
4.08
MHz
Operating conditions
• The main CR clock is used.
•0
C TA 70 C
3.9
4
4.1
MHz
Operating conditions
• The main CR clock is used.
•
 40 C  TA  0 C,
 70 C  TA   85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com