Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809062000 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 9Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 10Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 11Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 12Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 13Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 14Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 15Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 16Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
11
•
•
•
•
•
•
•
•
•
•
•
•
•
•
• Aluminum enclosure system for automation engineering
• Lid designed for membrane keypads and overlays
• Rectangular dome sequence in cover and base
Aluform, Unpainted
Included in delivery
Aluminum enclosure consisting of lid, base, captive stain-
less steel lid screws, and removable polyurethane gasket
Technical Data
Material
Ingress Protection
Impact Resistance
Temperature Resistance
Painting
Color
Al Si 12, DIN 1725
IP 66 to EN 60529
>7 Nm, EN 50014
Polyurethane seal: -40°F to +194°F
Neoprene seal: -40°F to +212°F
Silicone seal: -76°F to +266°F
RFI gasket: -40°F to +392°F
Powdercoating
Agate gray, similar to RAL 7038, special colors on request
Part Number
Dimensions
mm
Dimensions
Inches
Mounting
Plate
1)
External
brackets
pair
External
aluminum
hinges, pair
3)
EMC
screening
Corrosion
resistant
Allen lid
screws
2)
04080808 85
04081208 85
04101006 85
04101606 85
04102006 85
04121208 85
04121608 85
04141407 85
04141807 85
04142207 85
04161608 85
04162408 85
04202007 85
04202807 85
W x L x H
Accessories (Painted)
External brackets, pair for 0408
External brackets, pair for 0410
External brackets, pair for 0412
External brackets, pair for 0414
External brackets, pair for 0416
External brackets, pair for 0420
Console holder for wall or table mounting 98 mm wide, for type 0410
Console holder for wall ot table mounting 138 mm wide, for type 0414
External hinges, pair, unpainted
04000080 00
04000001 00
04002001 00
04004001 00
04006001 00
04000002 00
04300009 00
04300014 00
04000010 85
W x L x H
TS 15
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
TS 35
80 x 80 x 80
80 x 120 x 80
100 x 100 x 60
100 x 160 x 60
100 x 200 x 60
120 x 120 x 80
120 x 160 x 80
140 x 140 x 70
140 x 180 x 70
140 x 220 x 70
160 x 160 x 80
160 x 240 x 80
200 x 200 x 70
200 x 280 x 70
3.15 x 3.15 x 3.15
4.72 x 3.15 x 3.19
3.94 x 3.94 x 2.40
3.94 x 6.30 x 2.40
3.94 x 7.87 x 2.40
4.72 x 4.72 x 3.19
6.30 x 4.72 x 3.19
5.51 x 5.51 x 2.80
5.51 x 7.09 x 2.80
5.51 x 8.66 x 2.80
6.30 x 6.30 x 3.19
9.45 x 6.30 x 3.19
7.87 x 7.87 x 2.80
7.87 x 11.02 x 2.80
TS
DIN rails for
terminals
1) Phenolic
2) Stainless steel
3) Cast aluminum
UL 50
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com