Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809062000 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 72Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 73Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 74Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 75Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 76Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 77Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 78Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 79Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 164 page
background image
www.Rose-Bopla.com
74
Part
Number
Graphite Gray
Model
Number
Part
Number
Light Gray
BCD 160 Set 02-7035
BCD 200 Set 02-7035
BCD 250 Set 02-7035
BCD 310 Set 02-7035
BCD 400 Set 02-7035
BCD 160 Set 03-7035
BCD 200 Set 03-7035
BCD 250 Set 03-7035
BCD 310 Set 03-7035
BCD 400 Set 03-7035
BCD 160 Set 04-7035
BCD 200 Set 04-7035
BCD 250 Set 04-7035
BCD 310 Set 04-7035
BCD 400 Set 04-7035
BCD 160 Set 05-7035
BCD 200 Set 05-7035
BCD 250 Set 05-7035
BCD 310 Set 05-7035
BCD 400 Set 05-7035
BCD 160 Set 06-7035
BCD 200 Set 06-7035
BCD 250 Set 06-7035
BCD 310 Set 06-7035
BCD 400 Set 06-7035
High enclosure, with clear hinged lid, without terminal compartment
• Available in 5 basic sizes, each with 2 bases in different heights. Can be combined
with 5 different lid types.
• Range of combinations ensures that the enclosure is suitable for an extremely wide
range of applications.
• Terminal compartment can be kept separate from the electronics compartment by
means of partitions.
Included in delivery
Modular product sold individually. For details call factory.
Technical Data
Color
Material
Ingress Protection
Surface Resistance
Flammability
Base parts, light gray, similar to RAL 7035. Lids, light gray, similar to RAL 7035 or graphite
gray, similar to RAL 7024. DIN Rail holder, black similar to RAL 9005. Special colors on
request
ABS. Front lids, polycarbonate. DIN Rail holder, polyamide
IP 65/DIN VDE 06529, NEMA 12, depending on combined systems parts.
ABS: >1014 Ohm to DIN 53482
ABS: UL 94 HB/1.6. Polyamide: UL 94 VO/1
BOCARD
BCD 160 Set 01-7024
BCD 200 Set 01-7024
BCD 250 Set 01-7024
BCD 310 Set 01-7024
BCD 400 Set 01-7024
BCD 160 Set 02-7024
BCD 200 Set 02-7024
BCD 250 Set 02-7024
BCD 310 Set 02-7024
BCD 400 Set 02-7024
BCD 160 Set 03-7024
BCD 200 Set 03-7024
BCD 250 Set 03-7024
BCD 310 Set 04-7024
BCD 400 Set 04-7024
BCD 160 Set 04-7024
BCD 200 Set 04-7024
BCD 250 Set 04-7024
BCD 310 Set 04-7024
BCD 400 Set 04-7024
BCD 160 Set 05-7024
BCD 200 Set 05-7024
BCD 250 Set 05-7024
BCD 310 Set 05-7024
BCD 400 Set 05-7024
BCD 160 Set 06-7024
BCD 200 Set 06-7024
BCD 250 Set 06-7024
BCD 310 Set 06-7024
BCD 400 Set 06-7024
20162401 00
20202401 00
20252401 00
20312401 00
20402401 00
179 x 199 x 106.5
204 x 229 x 116.0
234 x 264 x 141.0
289 x 324 x 145.2
344 x 404 x 160.5
179 x 199 x 71.5
204 x 229 x 76.0
234 x 264 x 86.0
289 x 324 x 111.2
344 x 404 x 112.0
179 x 199 x 106.5
204 x 229 x 116.0
234 x 264 x 141.0
289 x 324 x 145.2
344 x 404 x 160.5
179 x 199 x 71.5
204 x 229 x 76.0
234 x 264 x 86.0
289 x 324 x 111.2
344 x 404 x 112.0
179 x 199 x 106.5
204 x 229 x 116.0
234 x 264 x 141.0
289 x 324 x 145.2
344 x 404 x 160.5
179 x 199 x 71.5
204 x 229 x 76.0
234 x 264 x 86.0
289 x 324 x 111.2
344 x 404 x 112.0
20162402 00
20202402 00
20252402 00
20312402 00
20402402 00
20162403 00
20202403 00
20252403 00
20312403 00
20402403 00
20162404 00
20202404 00
20252404 00
20312404 00
20402404 00
20162405 00
20202405 00
20252405 00
20312405 00
20432405 00
20162406 00
20202406 00
20252406 00
20312406 00
20402406 00
Dimensions
Inches
H x W x D
Dimensions
mm
H x W x D
BCD 160 Set 01-7035
BCD 200 Set 01-7035
BCD 250 Set 01-7035
BCD 310 Set 01-7035
BCS 400 Set 01-7035
20163501 00
20203501 00
20253501 00
20313501 00
20403501 00
20163502 00
20203502 00
20253502 00
20313502 00
20403502 00
20163503 00
20203503 00
20253503 00
20313503 00
20403503 00
20163504 00
20203504 00
20253504 00
20313504 00
20403504 00
20163505 00
20203505 00
20253505 00
20313505 00
20403505 00
20163506 00
20203506 00
20253506 00
20313506 00
20403506 00
Model
Number
Flat enclosure, with clear hinged lid, without terminal compartment
High enclosure, with clear hinged lid, for 1 terminal compartment
Flat enclosure, with clear hinged lid, for 1 terminal compartment
High enclosure, with clear hinged lid, for 2 terminal compartments
Flat enclosure, with clear hinged lid, for 2 terminal compartments
7.05 x 7.83 x 4.19
8.03 x 9.01 x 4.57
9.21 x 10.39 x 5.55
11.38 x 12.75 x 5.72
13.54 x 15.90 x 6.32
7.05 x 7.83 x 4.19
8.03 x 9.01 x 4.57
9.21 x 10.39 x 5.55
11.38 x 12.75 x 5.72
13.54 x 15.90 x 6.32
7.05 x 7.83 x 4.19
8.03 x 9.01 x 4.57
9.21 x 10.39 x 5.55
11.38 x 12.75 x 5.72
13.54 x 15.90 x 6.32
7.05 x 7.83 x 2.81
8.03 x 9.01 x 2.99
9.21 x 10.39 x 3.38
11.38 x 12.75 x 4.38
13.54 x 15.90 x 4.41
7.05 x 7.83 x 2.81
8.03 x 9.01 x 2.99
9.21 x 10.39 x 3.38
11.38 x 12.75 x 4.38
13.54 x 15.90 x 4.41
7.05 x 7.83 x 2.81
8.03 x 9.01 x 2.99
9.21 x 10.39 x 3.38
11.38 x 12.75 x 4.38
13.54 x 15.90 x 4.41
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com