Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809062000 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 27Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 28Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 29Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 30Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 31Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 32Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 33Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 34Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
29
Part Number
10093312 00
10093313 00
10093314 00
10094320 00
10094325 00
10094326 00
10089202 00
10011207 00
10011208 00
10011209 00
10011210 00
10089204 00
10052008 00
10031008 00
10051051 00
Philips lock (set of 2 with key)
Triangular lock (set of 2). Key must be order separately
Square lock (set of 2). Key must be order separately
Extra Philips lock key
Triangular metal key
Square metal key
Internal galvanized steel mounting plate for 2020
Internal galvanized steel mounting plate for 1220
Internal galvanized steel mounting plate for 1626
Internal galvanized steel mounting plate for 1634
Internal galvanized steel mounting plate for 2015
Internal galvanized steel mounting plate for 2030
Wall mount brackets for 2020 & 2030 (set of 4)
Wall mount brackets for 1220, 1626, 1634 and 2015 (set of 4)
Mounting plate screws and washers (set of 4)
4.72 x 7.87 x 3.94
6.30 x 10.24 x 3.94
6.30 x 13.38 x 3.94
7.87 x 5.90 x 3.94
7.87 x 7.87 x 6.69
7.87 x 11.81 x 6.69
• Mini enclosure system with hidden external hinge for MCR technology
• Standard version or with window panel
Fiberglass Mini Cabinets
Included in delivery
Enclosure consisting of base and door; please order
door locks and keys separately, press-in inserts in the
base for internal fitting.
Technical Data
Material
Ingress Protection
Door Opening Angle
Temperature Range
Impact Resistance
Surface Resistance
Disruptive Strength
Insulation
Flammability
Water Absorption
Toxicity
Color
Glassfiber-reinforced, duroplastic Polyester
IP 66 to EN 60529
120°
-40°F to +212°F
window version -40°F to +176°F
>7 Nm, EN 50014
>1012 Ohm, DIN 53482
18 kV/mm, VDE 0303 / DIN 53481
fully insulated, VDE 0100
UL 94 V0, self-extinguishing
max. 0.6%
halogen free
Agate gray, similar to RAL 7038. Special colors on request.
UL 508
Size 1
Size 2
Size 3
Size 4
Size 5
Size 6
Polyglass/Polycase
Part Number
Mini-Polyglas
Part Number
Mini-Polyglas
with window
Part Number
Mounting
Plate
Dimensions
mm
Dimensions
Inches
W x L x H
W x L x H
21122000 00
21162600 00
21163400 00
21201500 00
21202000 00
21203000 00
22122000 00
22162600 00
22163400 00
22201500 00
22202000 00
22203000 00
10011207 00
10011208 00
10011209 00
10011210 00
10011201 00
10011202 00
120 x 200 x 100
160 x 260 x 100
160 x 340 x 100
200 x 150 x 100
200 x 200 x 170
200 x 300 x 170
Note: Standard delivery enclosure without locking screws, please order separately.
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com