Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809062000 Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 83Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 84Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 85Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 86Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 87Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 88Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 89Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 90Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
85
Weight
Wrist strap (T 180 / 230)
Display assembly set (T 180)
Display assembly set (T 230)
Switch mat set (T 180 / 230)
Switch mat set (T 230)
Switch mat set (T 180 / 230)
Hand strap (T 180)
Hand strap (T 230)
Spare display screen set (T 130)
Spare display screen set (T180)
Spare display screen set (T 230)
Spare screws
Head cover, stepped, in enclosure color (T 180/230)
Head cover, stepped for infra-red (T 180 / 230)
Head cover, stepped, transparent (T 180 / 230)
Head cover, straight, in enclosure color (T180 / 230)
Head cover, straight, in enclosure color (T 180 / 230)
Head cover, straight, in enclosure color (T 180 / 230)
Accessories
Description
lbs
kg
27010200 00
27010201 00
27010210 00
27010211 00
27010400 00
27010401 00
27010600 00
27010601 00
Battery holder 4 round cells (T130)
Battery holder 9 volt (T130)
Battery holder for 9 volt (T180 / 230)
Clip (T130)
Keypad FT 130b, 12 printed keys (T130)
Kaypad FT 130b, 12 keys with plug-in unit (T130)
End plate in enclosure color
End plate, transparent
End plate, infra-red
Battery compartment empty (T180 / 230) 0.03 kg
Battery pack 1000 mAh
Battery charging station 115 V
Battery charging station 230 V
Battery charging station without connector charger
Docking station (T180 / 230) without connector charger
Docking station (T180 / 230) with connector charger
Angle brackets for PCBs for docking station
Spring contact, 2-pole (T180 / 230)
27010280 00
27010281 00
27010094 00
27010282 00
82100001 00
82100002 00
27010285 00
27010286 00
27010287 00
27010080 00
27010081 00
27010084 00
27010086 00
27010088 00
27010096 00
27010097 00
27010098 00
27010082 00
27010083 00
27010480 00
27010680 00
27010481 00
27010681 00
27010095 00
27010484 00
27010684 00
27010288 00
27010488 00
27010688 00
27010090 00
27010085 00
27010087 00
27010089 00
27010091 00
27010092 00
27010093 00
• ABS hand held enclosure for data acquisition and instrumentation
• With integrated battery/accumulator compartment
• Versions with or without display opening
• Prepared for acceptance of keypads/silicone switch mats
Taguan 130 / 180 / 230
Included in delivery
Taguan 130: 5 piece enclosure with top and base,
battery compartment, battery compartment cover, head
and shaft surround, mounting and enclosure screws.
Taguan 180/230: enclosure with top and base, keyboard
surround, head and shaft surround, mounting and
enclosure screws.
Please order battery compartment separately.
Technical Data
Color
Material
Ingress Protection
Surface Resistance
Impact Resistance
Flammability
Temperature Range
Enclosure body - green blue, similar to RAL 5020. Models 180/230-keypad plate,
battery compartment/pack, black-gray, similar to RAL 7021
ABS
IP 40 to EN60529
4 x 1014 Ohm to DIN 53482
24 KV/mm to DIN 53481
UL 94 HB
-40°F to +176°F
Part
Number
Versions
Flat, open
Flat, closed
Deep, open
Deep, closed
Open
Closed
Open
Closed
Model
Number
Taguan 130 FO
Taguan 130 FG
Taguan 130 TO
Taguan 130 TG
Taguan 180 O
Taguan 180 G
Taguan 230 G
Taguan 230 O
Dimensions
mm
Dimensions
Inches
W x L x H
W x L x H
80/70 x 125 x 36.7
80/70 x 125 x 36.7
80/70 x 125 x 46
80/70 x 125 x 46
84/70 x 180 x 52.5/37.5
84/70 x 180 x 52.5/37.5
97/70 x 229 x 52.5/37.5
97/70 x 229 x 52.5/37.5
0.085
0.085
0.085
0.09
0.17
0.12
0.15
0.16
0.187
0.187
0.187
0.198
0.374
0.264
0.330
0.352
3.15/2.75 x 4.92 x 1.44
3.15/2.75 x 4.92 x 1.44
3.15/2.75 x 4.92 x 1.81
3.15/2.75 x 4.92 x 1.81
3.31/2.75 x 7.07 x 2.07/1.48
3.31/2.75 x 7.07 x 2.07/1.48
3.82/2.75 x 9.01 x 2.07/1.48
3.82/2.75 x 9.01 x 2.07/1.48
Taguan 130
Taguan 180/230
Part Number
Part Number
Description
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com