Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809062000 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 26Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 27Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 28Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 29Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 30Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 31Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 32Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 33Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 164 page
background image
www.Rose-Bopla.com
28
Part Number
10089040 00
10089041 00
10095320 00
10095321 00
10052010 00
10094325 00
10094326 00
10051059 00
Locking screws optional (loose)
Part Number
21620003 00
21620004 00
21620001 00
21620002 00
Triangular lock 8 mm (1 piece)
Square lock 8 mm (1 piece)
Door handle
Locking door handle with key
Mounting plate for size 1 (2025) galvanized steel
Mounting plate for size 2 (2035) galvanized steel
Internal aluminum front panel with stud bolts for size 1 (2025)
Internal aluminum front panel with stud bolts for size 2 (2035)
Wall mount brackets (4 pieces)
Triangular metal key
Square metal key
Mounting plate screws with washers (set of 4)
7.87 x 9.84 x 5.90
9.84 x 11.81 x 6.69
7.83 x 9.78 x 5.87
9.78 x 11.73 x 6.53
• Enclosure system with hinged lid
• Standard version or with window panel or transparent door (ABS)
GFK Fiberglass/ABS Mini Cabinets
Included in delivery
Enclosure consisting of base and door; please order
door lock and keys separately, press-in inserts in base
for internal and external fitting. Door locks and keys sold
separately.
Technical Data
Material
Ingress Protection
Door Opening Angle
Temperature Range
Impact Resistance
Surface Resistance
Disruptive Strength
Insulation
Flammability
Water Absorption
Toxicity
Color
Glassfiber-reinforced, duroplastic Polyester
IP 65 to EN 60529
135°
-67°F to +194°F
window version -67°F to +176°F
>7 Nm, EN 50014
>1012 Ohm, DIN 53482
18 kV/mm, VDE 0303 / DIN 53481
fully insulated, VDE 0100
UL 94 V0, self-extinguishing
max. 0.2% DIN 53495 / ISO R 62
halogen free
Agate gray, similar to RAL 7038. Special colors on request.
ABS
IP 65 to EN 60529
135°
-40°F to +158°F
>7 Nm, EN 50014
>1012 Ohm VDE 0303 / DIN 53482
18 kV/mm, VDE 0303 / DIN 53481
fully insulated, VDE 0100
UL 94 HB
max. 0.2% DIN 53495 / ISO R62
halogen free
Light gray, similar to RAL 7035. Special colors on request.
Size 1
Size 2
Size 1
Size 2
Polyglass/Polycase
Part Number
ABS
Part Number
ABS with
Transparent Door
Part Number
GFK
Part Number
GFK
with Window
Dimensions
mm
Dimensions
Inches
W x L x H
W x L x H
21202590 00
21253090 00
-
-
22202590 00
22253090 00
-
-
-
-
21202500 00
21253000 00
-
-
22202500 00
22253000 00
200 x 250 x 150
250 x 300 x 170
199 x 248.5 x 149
248.5 x 298.0 x 166
Note: Standard delivery enclosure without lock, please order separately.
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com