Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809062000 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # 0809062000
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809062000 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button 0809062000 Datasheet HTML 59Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 60Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 61Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 62Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 63Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 64Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 65Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 66Page - List of Unclassifed Manufacturers 0809062000 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
61
Accessories
L x W x H
Dimensions
mm
Dimensions
Inches
109.5 x 96 x 96
165.5 x 96 x 96
Sold in one meter lengths
4.31 x 3.77 x 3.77
6.51 x 3.77 x 3.77
Sold in one meter lengths
• First DIN panel meter housing on the market with NEMA 4x protection
• Constructed from hollow extrusion of heavy duty aluminum with internal slotting to
accomodate printed circuit boards or chassis.
ANG Panel Meter Housing
Included in delivery
Enclosure body, mounting profiles, bezel, front frame,
rear lid, 1.5 allen key, adhesive plate, screws and
washers.
Technical Data
Color
Material
Protection Classifications
Black powdercoat
Extruded aluminum
NEMA 4X IP 66, DIN 40050
Part Number
ANG 9610
ANG 9616
ANG 9601
Part Number
Description
ANG 96 MPI
ANG 96 BZ
ANG 96 FF
ANG 96 RL
SST 1230 NG
Aluminum mounting rail
Front bezel
Front open frame
Rear cover
Replacement screws (set of 8)
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
L x W x H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com